Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB2IPAP Datasheet(PDF) 16 Page - Texas Instruments

Part # TSB41AB2IPAP
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB2IPAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSB41AB2IPAP Datasheet HTML 12Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 13Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 14Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 15Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 16Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 17Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 18Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 19Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
component connection
Details regarding connection of components to the various terminals of the TSB41AB2 are discussed primarily
in entries for each terminal in the terminal functions table. Figure 4 is a diagrammatic view showing the
connections for all required external components.
† See Figure 5, Figure 6, and Figure 7.
‡ See Figure 8 and Figure 9.
1
µF
58
26
52
53
54
55
56
57
59
60
61
62
63
64
1
2
3
4
5
678
9
10 11 12
17
18
19
20
21
22
23
24
25
27
28
37
38
39
40
41
42
43
44
45
46
47
48
13 14 15 16
29
30
31
32
33
34
35
36
49
50
51
0.1
µF
0.001
µF
VDD
6.34 k
Ω
±1 %
1
µF
TP Cables
Interface
Connection †
0.001
µF
0.001
µF
0.1
µF
VDD
1 k
Ω (Optional)
0.1
µF
0.001
µF
0.001
µF
VDD
DGND
400 k
Ω
Cable Power
ISO
Power-Class
Programming
10 k
Ω
LKON
Bus Manager
0.001
µF
0.1
µF
VDD
12
pF
12
pF
24.576 MHz
0.001
µF
0.1
µF
VDD
0.1
µF
0.1
µF
0.1
µF
0.001
µF
0.001
µF
0.001
µF
TP Cables
Interface
Connection †
TPBIAS
TPBIAS
RESET
FILTER0
FILTER1
PLLVDD
PLLGND
PLLGND
XI
XO
DVDD
DVDD
DGND
DGND
DGND
C/LKON
PC0
PC1
PC2
ISO
CPS
DVDD
TESTM
SE
SM
DGND
DVDD
AVDD
AVDD
AGND
AGND
AGND
AVDD
AVDD
‡
VDD
1 k
Ω
Figure 4. External Component Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com