| Electronic Components Datasheet Search |
|
TSB41AB2IPAP Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB41AB2IPAP Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 55 page ![]() TSB41AB2, TSB41AB2I IEEE 1394a2000 TWOPORT CABLE TRANSCEIVER/ARBITER SLLS424G − JUNE 2000 − REVISED DECEMBER 2004 43 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION interface reset and disable (continued) The sequence of events for resetting the PHY-LLC interface when it is in the differentiated mode of operation (ISO terminal is low) is as follows: 1. Normal operation. Interface is operating normally, with LPS active, SYSCLK active, status and packet data reception and transmission via the CTL and D lines, and request activity via the LREQ line. 2. LPS deasserted. The LLC deasserts the LPS signal and, within 1 µs, terminates any request or interface bus activity, and places its LREQ, CTL, and D outputs into a high-impedance state (the LLC should terminate any output signal activity such that signals end in a logic 0 state). 3. Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface bus activity, and places its CTL and D outputs into a high-impedance state (the PHY terminates any output signal activity such that signals end in a logic 0 state). The PHY-LLC interface is now in the reset state. 4. Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. (The minimum TRESTORE interval provides sufficient time for the biasing networks used in Annex J type isolation barrier circuits to stabilize and reach a quiescent state if the isolation barrier has somehow become unbalanced.) When LPS is asserted, the interface is initialized. LPS CTL0, CTL1 LREQ SYSCLK (3) (2) (1) D0−D7 (high) (4) TLPS_RESET TRESTORE ISO Figure 23. Interface Reset, ISO High The sequence of events for resetting the PHY-LLC interface when it is in the nondifferentiated mode of operation (ISO terminal is high) is as follows: 1. Normal operation. Interface is operating normally, with LPS asserted, SYSCLK active, status and packet data reception and transmission via the CTL and D lines, and request activity via the LREQ line. In Figure 23, the LPS signal is shown as a nonpulsed level signal. However, it is permissible to use a pulsed signal for LPS in a direct connection between the PHY and LLC; a pulsed signal is required when using an isolation barrier (whether of the TI bus-holder type or Annex J type). 2. LPS deasserted. The LLC deasserts the LPS signal and, within 1 µs, terminates any request or interface bus activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low. 3. Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface bus activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state. 4. Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. When LPS is asserted, the interface is initialized. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |