Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB1PHP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1PHP
Description  IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB1PHP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSB41AB1PHP Datasheet HTML 27Page - Texas Instruments TSB41AB1PHP Datasheet HTML 28Page - Texas Instruments TSB41AB1PHP Datasheet HTML 29Page - Texas Instruments TSB41AB1PHP Datasheet HTML 30Page - Texas Instruments TSB41AB1PHP Datasheet HTML 31Page - Texas Instruments TSB41AB1PHP Datasheet HTML 32Page - Texas Instruments TSB41AB1PHP Datasheet HTML 33Page - Texas Instruments TSB41AB1PHP Datasheet HTML 34Page - Texas Instruments TSB41AB1PHP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423I − JUNE 2000 − REVISED MARCH 2005
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
crystal selection (continued)
The layout of the crystal portion of the PHY circuit is important for obtaining the correct frequency, minimizing
noise introduced into the PHYs phase-lock loop, and minimizing any emissions from the circuit. The crystal and
two load capacitors should be considered as a unit during layout. The crystal and load capacitors should be
placed as close as possible to one another while minimizing the loop area created by the combination of the
three components. Varying the size of the capacitors may help in this. Minimizing the loop area minimizes the
effect of the resonant current (Is) that flows in this resonant circuit. This layout unit (crystal and load capacitors)
should then be placed as close as possible to the PHY XI and XO terminals to minimize trace lengths. Figure 16
depicts a layout that meets these guidelines.
C9
C10
X1
Figure 16. Recommended Crystal and Capacitor Layout
It is strongly recommended that part of the verification process for the design be to measure the frequency of
the SYSCLK output of the PHY. This should be done with a frequency counter with an accuracy of six digits or
better. If the SYSCLK frequency is more than the crystal tolerance from 49.152 MHz, the load capacitance of
the crystal may be varied to improve frequency accuracy. If the frequency is too high, add more load
capacitance; if the frequency is too low, decrease load capacitance. Typically, changes should be done to both
load capacitors (C9 and C10, see Figure 15) at the same time, and both should be of the same value. Additional
design details and requirements may be provided by the crystal vendor. For more information, see Selection
and Specification of Crystals for Texas Instruments IEEE 1394 Physical Layers, TI literature number SLLA051.
EMI guidelines
For
electromagnetic
interference
(EMI)
guidelines
and
recommendations,
check
the
web
site
http://www.ti.com/1394emi−guidelines
designing with the PowerPad package
The TSB41AB1 is housed in high-performance, thermally enhanced, 48/64-terminal PHP/PAP PowerPAD
packages. Use of a PowerPAD package does not require any special considerations except to note that the
PowerPAD, which is an exposed metallic pad on the bottom of the device, is a thermal and electrical conductor.
This exposed pad is connected inside the package to the substrate of the silicon die; it is not connected to any
terminal of the package. Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or
other assembly techniques) may be required to prevent any inadvertent shorting by the exposed PowerPAD
of connection etches or vias under the package. The recommended option, however, is to not run any etches
or signal vias under the device, but to have only a grounded thermal land as explained below. Although the actual
size of the exposed die pad may vary, the minimum size required of the keep-out area is 8 mm
× 8 mm for the
64-terminal PAP PowerPAD package, and 5 mm
× 5 mm for the 48-terminal PHP PowerPAD package.
It is recommended that there be a thermal land, which is an area of solder-tinned-copper (see Figure 17),
underneath the PowerPAD package. The thermal land varies in size depending on the PowerPAD package
being used, the PCB construction, and the amount of heat that needs to be removed. In addition, the thermal
land may or may not contain numerous thermal vias depending on PCB construction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com