Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89133AP Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB89133AP
Description  8-bit Proprietary Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89133AP Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB89133AP Datasheet HTML 1Page - fujitsu semiconductor MB89133AP Datasheet HTML 2Page - fujitsu semiconductor MB89133AP Datasheet HTML 3Page - fujitsu semiconductor MB89133AP Datasheet HTML 4Page - fujitsu semiconductor MB89133AP Datasheet HTML 5Page - fujitsu semiconductor MB89133AP Datasheet HTML 6Page - fujitsu semiconductor MB89133AP Datasheet HTML 7Page - fujitsu semiconductor MB89133AP Datasheet HTML 8Page - fujitsu semiconductor MB89133AP Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
MB89130/130A Series
4
(Continued)
Part number
MB89P135
MB89PV130A
Item
Classification
One-time PROM products
Piggyback/evaluation product
ROM size
16 K
× 8 bits
(internal PROM, to be programmed with
general-purpose EPROM programmer)
32 K
× 8 bits
(external ROM)
RAM size
512
× 8 bits
1 K
× 8 bits
CPU functions
The number of instructions
Instruction bit length
Instruction length
Data bit length
Minimum execution time
Minimum interrupt processing time
: 136
: 8 bits
: 1 to 3 bytes
: 1, 8, 16 bits
: 0.95
µs at 4.2 MHz
: 8.57
µs at 4.2 MHz
Ports
Output ports (N-ch open-drain ports)
Output ports (CMOS)
I/O ports (CMOS)
Total
: 4 (All also serve as peripherals.)
: 8
: 24 (8 ports also serve as peripherals. For
MB89130A, 16 ports also serve as
peripherals.)
: 36
8/16-bit timer/
counter
8-bit timer/counter
× 2 channels or a 16-bit event counter
8-bit serial I/O
8 bits
LSB/MSB first selectable
8-bit A/D converter
8-bit resolution
× 4 channels
A/D conversion mode (minimum conversion time : 42
µs at 4.2 MHz)
Sense mode (minimum conversion time : 11.4
µs at 4.2 MHz)
Capable of continuous activation by an internal timer
Reference voltage input
External interrupt 1
3 independent channels (selectable edge, interrupt vector, source flag)
Rising/falling both edges selectable
Used also for wake-up from the stop/sleep mode. (Edge detection is also permitted in the
stop mode.)
External interrupt 2
(wake-up function)
8 channels (only for level detection)
Remote control
transmitting
frequency
generator
1 channel
(Pulse width and cycle selectable by program)
Standby mode
Sleep, stop, and clock mode
Process
CMOS
Operating voltage
2.7 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-20TVM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com