Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89133AP Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89133AP
Description  8-bit Proprietary Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89133AP Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89133AP Datasheet HTML 17Page - fujitsu semiconductor MB89133AP Datasheet HTML 18Page - fujitsu semiconductor MB89133AP Datasheet HTML 19Page - fujitsu semiconductor MB89133AP Datasheet HTML 20Page - fujitsu semiconductor MB89133AP Datasheet HTML 21Page - fujitsu semiconductor MB89133AP Datasheet HTML 22Page - fujitsu semiconductor MB89133AP Datasheet HTML 23Page - fujitsu semiconductor MB89133AP Datasheet HTML 24Page - fujitsu semiconductor MB89133AP Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
MB89130/130A Series
21
s
s
s
s BLOCK DIAGRAM
Main clock oscillator
Timebase timer
External interrupt 2*
(wake-up function)
CMOS I/O port
CMOS output port
F2MC-8L
RAM
MOD0, MOD1, VCC, VSS
The other pins
X0
X1
RST
P00/ (INT20)
ROM
8-bit serial I/O
Buzzer output
N-ch open-drain output port
P30/SCK
P34/TO/INT0
CPU
8-bit timer/counter
CMOS I/O port
8
8
P10 to P17
Reset circuit
(WDT)
External interrupt 1
8-bit timer/counter
P33/EC/SCO
P32/SI
P31/SO
P35/INT1
P36/INT2
P37/BZ/(RCO)
P40/AN0
to P43/AN3
Subclock oscillator
(32.768 kHz)
8
Remote control*
transmitting
frequency generator
Clock controller
4
X0A
X1A
8-bit A/D converter
4
AVR
AVCC
AVSS
to P07/ (INT27)
P20 to P27
* : Only for the MB89130A series.
Note : Parenthesized pin function is only for the MB89130A series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com