Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89174LPF Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 4Page - fujitsu semiconductor MB89174LPF Datasheet HTML 5Page - fujitsu semiconductor MB89174LPF Datasheet HTML 6Page - fujitsu semiconductor MB89174LPF Datasheet HTML 7Page - fujitsu semiconductor MB89174LPF Datasheet HTML 8Page - fujitsu semiconductor MB89174LPF Datasheet HTML 9Page - fujitsu semiconductor MB89174LPF Datasheet HTML 10Page - fujitsu semiconductor MB89174LPF Datasheet HTML 11Page - fujitsu semiconductor MB89174LPF Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
MB89170/170A/170L Series
s PIN DESCRIPTION
(Continued)
*1: FPT-48P-M16
*2: MQP-48C-P01
Notes:
On the MB89170L series, DTMF pin (Pin No.:1), X0A pin (Pin No.:8) and X1A pin (Pin No.:9) are N.C. pins.
Please connect them with GND.
Pin no.
Pin name
Circuit type
Function
QFP*1
MQFP*2
5
X0
A
Main clock crystal oscillator pins
6X1
8
X0A
B
Subclock oscillation pins (32.768 kHz)
9X1A
3
MOD0
C
Operation mode selecting pins
Connect directly to VCC or VSS.
4MOD1
2RST
D
Reset I/O pin
This pin is of an N-ch open-drain output type with pull-up
resistor and of hysteresis input type.
“L” is output from this pin by an internal reset source (optional
function).
The internal circuit is initialized by the input of “L”.
34 to 27
P00/INT20 to
P07/INT27
E
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up function).
External interrupt input is a hysteresis input.
26 to 20, 18
P10 to P17
F
General-purpose I/O ports
17 to 10
P20 to P27
H
General-purpose output ports
42
P30/SCK
G
General-purpose I/O port
Also serves as the clock I/O for the 8-bit serial I/O.
This port is of hysteresis input type.
41
P31/SO
G
General-purpose I/O port
Also serves as the data output for the 8-bit serial I/O.
This port is of hysteresis input type.
40
P32/SI
G
General-purpose I/O port
Also serves as the data input for the 8-bit serial I/O.
This port is of hysteresis input type.
39
P33/EC
G
General-purpose I/O port
Also serves as an external clock input for a 8-bit timer/
counter.
This port is of hysteresis input type.
38
P34/TO/INT0
G
General-purpose I/O port
Also serves as the overflow output for the 8-bit timer/counter
and an external interrupt 1 input.
This port is of hysteresis input type.
36,
37
P36/INT2,
P35/INT1
G
General-purpose I/O ports
Also serve as an external interrupt 1 input.
These ports are of hysteresis input type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com