Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89174LPF Datasheet(PDF) 35 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 35 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 31Page - fujitsu semiconductor MB89174LPF Datasheet HTML 32Page - fujitsu semiconductor MB89174LPF Datasheet HTML 33Page - fujitsu semiconductor MB89174LPF Datasheet HTML 34Page - fujitsu semiconductor MB89174LPF Datasheet HTML 35Page - fujitsu semiconductor MB89174LPF Datasheet HTML 36Page - fujitsu semiconductor MB89174LPF Datasheet HTML 37Page - fujitsu semiconductor MB89174LPF Datasheet HTML 38Page - fujitsu semiconductor MB89174LPF Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35
MB89170/170A/170L Series
(4) Instruction Cycle
Parameter
Symbol
Value (typical)
Unit
Remarks
Instruction cycle
(minimum execution time)
tinst
4/FCH, 8/FCH, 16/FCH, 64/FCH
µs (4/FC) tinst = 1.1 µs when operating at
FC = 3.58 MHz
2/FCL
µs
tinst = 61.036
µs when operating at FCL
= 32.768 kHz
(MB89170/170A series only)
X0A
tCR
0.8 VCC
0.2 VCC
PWHL
tLCYL
tCF
PWLL
0.8 VCC
0.2 VCC
0.2 VCC
Open
X0A
X1A
When an external clock is used
X0A
X1A
When a crystal
or
ceramic resonator is used
X0A
X1A
When a single clock option is used
• Subclock Timing Condition
• Subclock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com