Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3320 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3320 Datasheet(HTML) 4 Page - Texas Instruments

  REF3320 Datasheet HTML 1Page - Texas Instruments REF3320 Datasheet HTML 2Page - Texas Instruments REF3320 Datasheet HTML 3Page - Texas Instruments REF3320 Datasheet HTML 4Page - Texas Instruments REF3320 Datasheet HTML 5Page - Texas Instruments REF3320 Datasheet HTML 6Page - Texas Instruments REF3320 Datasheet HTML 7Page - Texas Instruments REF3320 Datasheet HTML 8Page - Texas Instruments REF3320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
VCC
NC
OUT
6
5
4
IN+
GND
IN
-
1
2
3
1
2
3
5
4
VCC
OUT
IN+
GND
IN
-
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +0.9 V to +6.5 V (continued)
At TA = +25°C, VS = +0.9 V to +6.5 V, VCM = VS/2 and CL = 15 pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
VS = 6.5 V, Input overdrive = 50 mV
32
µs
VS = 0.9 V, Input overdrive = 50 mV
45
µs
tPHL
High to low
VS = 6.5 V, Input overdrive = 100 mV
24
µs
VS = 0.9 V, Input overdrive = 100 mV
35
µs
Propagation delay
time
VS = 6.5 V, Input overdrive = 50 mV
32
µs
VS = 0.9 V, Input overdrive = 50 mV
40
µs
tPLH
Low to high
VS = 6.5 V, Input overdrive = 100 mV
24
µs
VS = 0.9 V, Input overdrive = 100 mV
28
µs
tR
Rise time
Input overdrive = 100 mV
330
ns
tF
Fall time
Input overdrive = 100 mV
330
ns
POWER SUPPLY
VS
Specified voltage range
0.9
6.5
V
75
150
nA
IQ
Quiescent current (per channel)
TA = –40°C to +125°C
200
nA
TEMPERATURE RANGE
Specified range
–40
+125
°C
Operating range
–55
+150
°C
Storage range
–65
+150
°C
PIN CONFIGURATIONS
DCK PACKAGE
DPF PACKAGE
SC70-5
DFN-6
(TOP VIEW)
(TOP VIEW)
NOTE: NC = no connection.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com