Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3320 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF3320
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3320 Datasheet(HTML) 5 Page - Texas Instruments

  REF3320 Datasheet HTML 1Page - Texas Instruments REF3320 Datasheet HTML 2Page - Texas Instruments REF3320 Datasheet HTML 3Page - Texas Instruments REF3320 Datasheet HTML 4Page - Texas Instruments REF3320 Datasheet HTML 5Page - Texas Instruments REF3320 Datasheet HTML 6Page - Texas Instruments REF3320 Datasheet HTML 7Page - Texas Instruments REF3320 Datasheet HTML 8Page - Texas Instruments REF3320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
±1000
±800
±600
±400
±200
0
200
400
600
800
1000
±50
±25
0
25
50
75
100
125
Temperature (SC)
C005
Sourcing
Sinking
V
S = 0.9 V
±60
±40
±20
0
20
40
60
±50
±25
0
25
50
75
100
125
Temperature (SC)
C003
Sourcing
Sinking
V
S = 6.5 V
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
0.1
0.2
0.3
I
OUT (mA)
-40 C
25 C
125 C
C011
V
S = ±0.45 V
V
OH
V
OL
125
SC
125
SC
-40
SC
-40
SC
-40°C
25°C
125°C
±4
±3
±2
±1
0
1
2
3
4
0
10
20
30
40
50
I
OUT (mA)
-40 C
25 C
125 C
C011
V
S = ±3.25V
V
OH
V
OL
125
ƒC
125
ƒC
-40
ƒC
-40
ƒC
-40°C
25°C
125°C
0
20
40
60
80
100
120
140
160
0.5
1.5
2.5
3.5
4.5
5.5
6.5
Supply Voltage (V)
C001
25SC
-40SC
125SC
V
S = 0.9 V
-1
0
1
2
3
4
5
6
7
8
9
10
±50
±25
0
25
50
75
100
125
Temperature (SC)
+ Bias Current (6.5 V)
± Bias Current (6.5 V)
C006
TLV3691
www.ti.com
SBOS694 – DECEMBER 2013
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +0.9 V to +6.5 V, and input overdrive = 100 mV, unless otherwise noted.
Figure 1. QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 2. INPUT BIAS CURRENT vs TEMPERATURE
Figure 3. OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 4. OUTPUT VOLTAGE vs OUTPUT CURRENT
(VS = 0.9 V)
(VS = 6.5 V)
Figure 5. SHORT-CIRCUIT CURRENT vs TEMPERATURE
Figure 6. SHORT-CIRCUIT CURRENT vs TEMPERATURE
(VS = 0.9 V)
(VS = 6.5 V)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com