Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89655APF Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB89655APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89655APF Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB89655APF Datasheet HTML 44Page - fujitsu semiconductor MB89655APF Datasheet HTML 45Page - fujitsu semiconductor MB89655APF Datasheet HTML 46Page - fujitsu semiconductor MB89655APF Datasheet HTML 47Page - fujitsu semiconductor MB89655APF Datasheet HTML 48Page - fujitsu semiconductor MB89655APF Datasheet HTML 49Page - fujitsu semiconductor MB89655APF Datasheet HTML 50Page - fujitsu semiconductor MB89655APF Datasheet HTML 51Page - fujitsu semiconductor MB89655APF Datasheet HTML 52Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
MB89650AR Series
s PACKAGE DIMENSIONS
100-pin plastic LQFP
(FPT-100P-M05)
Dimensions in mm (inches)
+0.05
–0.02
+.002
–.001
+0.20
–0.10
+.008
–.004
+0.08
–0.03
+.003
–.001
LEAD No.
0~10°
(STAND OFF)
(.004±.004)
0.10±0.10
0.15(.006)
0.15(.006)
0.15(.006)MAX
0.40(.016)MAX
Details of "A" part
0.50±0.20(.020±.008)
76
50
51
75
100
1
26
25
"A"
"B"
NOM
(.591)
REF
(.472)
12.00
15.00
0.127
.005
1.50
.059
M
0.08(.003)
0.10(.004)
INDEX
0.18
.007
0.50(.0197)TYP
14.00±0.10(.551±.004)SQ
16.00±0.20(.630±.008)SQ
Details of "B" part
1994 FUJITSU LIMITED F100007S-2C-2
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com