Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89655APF Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB89655APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89655APF Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB89655APF Datasheet HTML 1Page - fujitsu semiconductor MB89655APF Datasheet HTML 2Page - fujitsu semiconductor MB89655APF Datasheet HTML 3Page - fujitsu semiconductor MB89655APF Datasheet HTML 4Page - fujitsu semiconductor MB89655APF Datasheet HTML 5Page - fujitsu semiconductor MB89655APF Datasheet HTML 6Page - fujitsu semiconductor MB89655APF Datasheet HTML 7Page - fujitsu semiconductor MB89655APF Datasheet HTML 8Page - fujitsu semiconductor MB89655APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
MB89650AR Series
(Continued)
* : Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
In the case of the MB89PV650A, the voltage varies with the restrictions of the EPROM for use.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
MB89655AR
MB89656AR
MB89657AR
MB89P657A
MB89PV650A
8-bit serial I/O
8 bits
LSB first/MSB first selectability
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 0.8
µs, 3.2 µs, 12.8 µs)
8-bit A/D
converter
8-bit resolution
× 8 channels
A/D conversion mode (conversion time: 18
µs)
Sense mode (conversion time: 5
µs)
Continuous activation by an internal timer capable
Reference voltage input
External
interrupt 1
4 independent channels (edge selection)
Rising edge/falling edge selectability
Used also for wake-up from stop/sleep mode. (Edge detection is also permitted in stop mode.)
External
interrupt 2
(wake-up
function)
“L” level interrupt
× 12 channels
Standby mode
Subclock mode, sleep mode, watch mode, and stop mode
Process
CMOS
Operating
voltage*
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-
20TVM
Package
MB89653AR
MB89655AR
MB89656AR
MB89657AR
MB89P657A
MB89PV650A
FPT-100P-M05
×
FPT-100P-M06
×
MQP-100C-P02
×
MB89653AR
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com