Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CAPF Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 26Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 27Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 28Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 29Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 31Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 32Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 33Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
MB90580C Series
30
(Continued)
Address
Register name
Abbreviated
register
name
Read/write
Resource name
Initial value
76H
Command register L
CMRL
R/W
IEBusTM
controller
1 1 0 0 0 0 0 0B
77H
Command register H
CMRH
R/W
0 0 0 0 0 0 0 XB
78H
Status register L
STRL
R
0 0 1 1 XXXXB
79H
Status register H
STRH
R/W or R
0 0 XX 0 0 0 0B
7AH
Lock read register L
LRRL
R
XXXXXXXXB
7BH
Lock read register H
LRRH
R/W or R
1 1 1 0 XXXXB
7CH
Master address read register L
MARL
R
XXXXXXXXB
7DH
Master address read register H
MARH
R
1 1 1 1 XXXXB
7EH
Message length bit read register
DERR
R
XXXXXXXXB
7FH
Broadcast control bit read register
DCRR
R
0 0 0 XXXXXB
80H
Write data buffer
WDB
W
XXXXXXXXB
81H
Read data buffer
RDB
R
XXXXXXXXB
82H
Serial mode register 3
SMR3
R/W
UART3
0 0 0 0 0 0 0 0B
83H
Serial control register 3
SCR3
R/W
0 0 0 0 0 1 0 0B
84H
Serial input register 3/
serial output register 3
SIDR3/
SODR3
R/W
XXXXXXXXB
85H
Serial status register 3
SSR3
R/W
0 0 0 0 1
− 0 0B
86H
PWC noise filter register
RNCR
R/W
PWC noisefilter
− − − − − 0 0 0B
87H
Clock division control register 3
CDCR3
R/W
Communications
prescaler 3
0
− − − 1 1 1 1B
88H
Serial mode register 4
SMR4
R/W
UART4
0 0 0 0 0 0 0 0B
89H
Serial control register 4
SCR4
R/W
0 0 0 0 0 1 0 0B
8AH
Serial input register 4/
serial output register 4
SIDR4/
SODR4
R/W
XXXXXXXXB
8BH
Serial status register 4
SSR4
R/W
0 0 0 0 1
− 0 0B
8CH
Port 0 input pull-up resistor setup
register
RDR0
R/W
Port 0
0 0 0 0 0 0 0 0B
8DH
Port 1 input pull-up resistor setup
register
RDR1
R/W
Port 1
0 0 0 0 0 0 0 0B
8EH
Port 6 input pull-up resistor setup
register
RDR6
R/W
Port 6
− − 0 0 0 0 0 0B
8FH
Clock division control register 4
CDCR4
R/W
Communications
prescaler 4
0
− − − 1 1 1 1B
90H to
9DH
(Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com