Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CAPF Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 28Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 29Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 31Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 32Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 33Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 34Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 35Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
MB90580C Series
32
(Continued)
(Continued)
• Explanation of initial values
→“0” : initial value“0” / “1” : initial value“1” / “X” : undefined / “−” : undefined (not used)
• The addresses following 00FFH are reserved. No external bus access signal is generated.
• Boundary #H between the RAM area and the reserved area varies with the product model.
Note: For bits that is initialized by an reset operation, the initial value set by the reset operation is listed as an initial
value. Note that the values are different from reading results. For LPMCR/CKSCR/WDTC, there are cases
where initialization is performed or not performed, depending on the types of the reset. However initial value
for resets that initializes the value are listed.
Address
Register name
Abbreviated
register
name
Read/write
Resource name
Initial value
C0H to
FFH
(External area)
100H to
#H
(RAM area)
#H to
1FEFH
(Reserved area)
1FF0H
Program address detection register 0
(lower)
PADR0
R/W
Address match
detection
function
XXXXXXXXB
1FF1H
Program address detection register 0
(middle)
R/W
XXXXXXXXB
1FF2H
Program address detection register 0
(upper)
R/W
XXXXXXXXB
1FF3H
Program address detection register 1
(lower)
PADR1
R/W
XXXXXXXXB
1FF4H
Program address detection register 1
(middle)
R/W
XXXXXXXXB
1FF5H
Program address detection register 1
(upper)
R/W
XXXXXXXXB
1FF6H to
1FFFH
(Reserved area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com