Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89151APF Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB89151APF Datasheet HTML 1Page - fujitsu semiconductor MB89151APF Datasheet HTML 2Page - fujitsu semiconductor MB89151APF Datasheet HTML 3Page - fujitsu semiconductor MB89151APF Datasheet HTML 4Page - fujitsu semiconductor MB89151APF Datasheet HTML 5Page - fujitsu semiconductor MB89151APF Datasheet HTML 6Page - fujitsu semiconductor MB89151APF Datasheet HTML 7Page - fujitsu semiconductor MB89151APF Datasheet HTML 8Page - fujitsu semiconductor MB89151APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
MB89150/150A Series
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following points:
• On the MB89151/A, addresses 0140H and later of the register bank cannot be used. On the MB89152/A,
153/A, 154/A, 155/A, and MB89P155, addresses 0180H and later of each register bank cannot be used.
• On the MB89P155, addresses BFF0H to BFF6H comprise the option setting area, option settings can be read
by reading these addresses.
• The stack area, etc., is set at the upper limit of the RAM.
2. Current Consumption
• In the case of the MB89PV150, add the current consumed by the EPROM which is connected to the top socket.
• When operated at low speed, the product with an OTPROM (one-time PROM) or an EPROM will consume
more current than the product with a mask ROM.
However, the current consumption in sleep/stop modes is the same. (For more information, see sections
“s Electrical Characteristics” and “s Example Characteristics.”)
3. Mask Options
Functions that can be selected as options and how to designate these options vary by the product.
Before using options check section “s Mask Options.”
Take particular care on the following point:
• On the MB89PV150, options are fixed, except for the segment output selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com