Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372MDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372MDREP
Description  LinCMOS??DUAL DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC372MDREP Datasheet(HTML) 2 Page - Texas Instruments

  TLC372MDREP Datasheet HTML 1Page - Texas Instruments TLC372MDREP Datasheet HTML 2Page - Texas Instruments TLC372MDREP Datasheet HTML 3Page - Texas Instruments TLC372MDREP Datasheet HTML 4Page - Texas Instruments TLC372MDREP Datasheet HTML 5Page - Texas Instruments TLC372MDREP Datasheet HTML 6Page - Texas Instruments TLC372MDREP Datasheet HTML 7Page - Texas Instruments TLC372MDREP Datasheet HTML 8Page - Texas Instruments TLC372MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
EQUIVALENT SCHEMATIC (EACH COMPARATOR)
Common to All Channels
VDD
GND
OUT
IN +
IN −
Absolute Maximum Ratings
(1)
Dissipation Rating Table
TLC372-EP
LinCMOS™ DUAL DIFFERENTIAL COMPARATORS
SGLS385 – MARCH 2007
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
SOIC-(D)
Tape and reel
TLC372MDREP
372MEP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage (2)
18
V
VID
Differential input voltage(3)
±18
V
VI
Input voltage range
–0.3
18
V
VO
Output voltage
18
V
II
Input current
±5
mA
IO
Output current
20
mA
Duration of output short circuit to ground(4)
unlimited
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–55
125
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s:
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential voltages are with respect to network ground.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VDD can cause excessive heating and eventual device destruction.
TA ≤ 25°C
DERATING
DERATE
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
FACTOR
ABOVE TA
POWER RATING
POWER RATING
POWER RATING
D
500 mW
5.8 mW/
°C
64
°C
464 mW
377 mW
145 mW
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com