Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372MDREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372MDREP
Description  LinCMOS??DUAL DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC372MDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC372MDREP Datasheet HTML 2Page - Texas Instruments TLC372MDREP Datasheet HTML 3Page - Texas Instruments TLC372MDREP Datasheet HTML 4Page - Texas Instruments TLC372MDREP Datasheet HTML 5Page - Texas Instruments TLC372MDREP Datasheet HTML 6Page - Texas Instruments TLC372MDREP Datasheet HTML 7Page - Texas Instruments TLC372MDREP Datasheet HTML 8Page - Texas Instruments TLC372MDREP Datasheet HTML 9Page - Texas Instruments TLC372MDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Low-to-High-
Level Output
DUT
5.1 kΩ
1 µF
0.1 µF
1 kΩ
50 Ω
CL
(see Note A)
VDD
Pulse
Generator
Input Offset Voltage
Compensation Adjustment
10 Ω
10 Turn
1 V
- 1 V
Overdrive
Input
100 mV
Overdrive
Input
tf
tPHL
10%
50%
90%
90%
50%
tr
tPLH
High-to-Low-
Level Output
TEST CIRCUIT
VOLTAGE WAVEFORMS
10%
100 mV
NOTE: A.C includesprobeandjigcapacitance
L
TLC372-EP
LinCMOS™ DUAL DIFFERENTIAL COMPARATORS
SGLS385 – MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Response time is defined as the interval between the application of an input step function and the instant when
the output reaches 50% of its maximum value. Response time, low-to-high-level output, is measured from the
leading edge of the input pulse, while response time, high-to-low-level output, is measured from the trailing edge
of the input pulse. Response-time measurement at low input signal levels can be greatly affected by the input
offset voltage. The offset voltage should be balanced by the adjustment at the inverting input as shown in
Figure 3, so that the circuit is just at the transition point. Then a low signal, for example 105-mV or 5-mV
overdrive, causes the output to change state.
Figure 3. Response, Rise, and Fall Times Circuit and Voltage Waveforms
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com