Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66DCUT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66DCUT
Description  SN74LVC2G66 Dual Bilateral Analog Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G66DCUT Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2G66DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN74LVC2G66
SCES325K – JULY 2001 – REVISED JANUARY 2014
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IS = 4 mA
1.65 V
12.5
30
VI = VCC or GND,
IS = 8 mA
2.3 V
9
20
ron
On-state switch resistance
VC = VIH
Ω
IS = 24 mA
3 V
7.5
15
(see Figure 1 and Figure 2)
IS = 32 mA
4.5 V
6
10
IS = 4 mA
1.65 V
85
120(1)
VI = VCC to GND,
IS = 8 mA
2.3 V
22
30(1)
ron(p)
Peak on-state resistance
VC = VIH
Ω
IS = 24 mA
3 V
12
20
(see Figure 1 and Figure 2)
IS = 32 mA
4.5 V
7.5
15
IS = 4 mA
1.65 V
7
VI = VCC to GND,
IS = 8 mA
2.3 V
5
Difference of on-state resistance
Δron
VC = VIH
Ω
between switches
IS = 24 mA
3 V
3
(see Figure 1 and Figure 2)
IS = 32 mA
4.5 V
2
VI = VCC and VO = GND or
±1
IS(off)
Off-state switch leakage current
VI = GND and VO = VCC,
5.5 V
μA
±0.1(1)
VC = VIL (see Figure 3)
±1
VI = VCC or GND, VC = VIH, VO = Open
IS(on)
On-state switch leakage current
5.5 V
μA
(see Figure 4)
±0.1(1)
±1
II
Control input current
VC = VCC or GND
5.5 V
μA
±0.1(1)
10
ICC
Supply current
VC = VCC or GND
5.5 V
μA
1(1)
ΔICC
Supply-current change
VC = VCC – 0.6 V
5.5 V
500
μA
Cic
Control input capacitance
5 V
3.5
pF
Cio(off)
Switch input/output capacitance
5 V
6
pF
Cio(on)
Switch input/output capacitance
5 V
14
pF
(1)
TA = 25°C
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
(1)
A or B
B or A
2
1.2
0.8
0.6
ns
ten
(2)
C
A or B
2.3
10
1.6
5.6
1.5
4.4
1.3
3.9
ns
tdis
(3)
C
A or B
2.5
10.5
1.2
6.9
2
7.2
1.1
6.3
ns
(1)
tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical on-state resistance of the
switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
tPZL and tPZH are the same as ten.
(3)
tPLZ and tPHZ are the same as tdis.
4
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links :SN74LVC2G66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com