Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66DCUT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66DCUT
Description  SN74LVC2G66 Dual Bilateral Analog Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G66DCUT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G66DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G66DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
1A
2
7
1B
1C
3
6
2C
2B
4
5
GND
2A
3
6
2B
2C
8
1
V
CC
1A
5
GND
4
2A
2
7
1C
1B
GND
5
4
2A
3 6
2B
2C
2 7
1C
1B
8
V
CC
1
1A
SN74LVC2G66
www.ti.com
SCES325K – JULY 2001 – REVISED JANUARY 2014
SN74LVC2G66 Dual Bilateral Analog Switch
Check for Samples: SN74LVC2G66
1
FEATURES
DESCRIPTION
This dual bilateral analog switch is designed for
2
•
Available in the Texas Instruments
1.65-V to 5.5-V VCC operation.
NanoFree™ Package
The SN74LVC2G66 device can handle both analog
•
1.65-V to 5.5-V VCC Operation
and
digital
signals.
The
SN74LVC2G66
device
•
Inputs Accept Voltages to 5.5 V
permits signals with amplitudes of up to 5.5 V (peak)
•
Max tpd of 0.8 ns at 3.3 V
to be transmitted in either direction.
•
High On-Off Output Voltage Ratio
NanoFree™
package
technology
is
a
major
•
High Degree of Linearity
breakthrough in IC packaging concepts, using the die
as the package.
•
High Speed, Typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
Each switch section has its own enable-input control
•
Rail-to-Rail Input/Output
(C). A high-level voltage applied to C turns on the
associated switch section.
•
Low On-State Resistance, Typically
≉
≉6 Ω
(VCC = 4.5 V)
Applications
include
signal
gating,
chopping,
modulation or demodulation (modem), and signal
•
Latch-Up Performance Exceeds 100 mA Per
multiplexing for analog-to-digital and digital-to-analog
JESD 78, Class II
conversion systems.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G66DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66DCUT TI-SN74LVC2G66DCUT Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66DCUT TI-SN74LVC2G66DCUT Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66DCUT TI2-SN74LVC2G66DCUT Datasheet
836Kb / 31P
SN74LVC2G66 Dual Bilateral Analog Switch
REVISED AUGUST 2018
SN74LVC2G66DCUTE4 TI-SN74LVC2G66DCUTE4 Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66DCUTE4 TI-SN74LVC2G66DCUTE4 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC2G66DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_15 Datasheet
991Kb / 27P
SN74LVC2G66 Dual Bilateral Analog Switch
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com