Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239AMDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM239AMDREP
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM239AMDREP Datasheet(HTML) 2 Page - Texas Instruments

  LM239AMDREP Datasheet HTML 1Page - Texas Instruments LM239AMDREP Datasheet HTML 2Page - Texas Instruments LM239AMDREP Datasheet HTML 3Page - Texas Instruments LM239AMDREP Datasheet HTML 4Page - Texas Instruments LM239AMDREP Datasheet HTML 5Page - Texas Instruments LM239AMDREP Datasheet HTML 6Page - Texas Instruments LM239AMDREP Datasheet HTML 7Page - Texas Instruments LM239AMDREP Datasheet HTML 8Page - Texas Instruments LM239AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OUT
IN−
IN+
80-
µA
Current
Regulator
80
µA
GND
OUT
VCC
10
µA
60
µA
10
µA
IN+
IN−
All current values shown are nominal.
LM239A-EP
SCLS496C – MAY 2003 – REVISED JULY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
SOP - D
Tape and reel
LM239AQDREP
LM239AEP
SOP - D
Tape and reel
LM239AMDREP
LM239AME
–55°C to 125°C
TSSOP - PW
Tape and reel
LM239AMPWREP
LM239AE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SYMBOL (EACH COMPARATOR)
SCHEMATIC (EACH COMPARATOR)
2
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): LM239A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com