Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM239AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM239AMDREP
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM239AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  LM239AMDREP Datasheet HTML 1Page - Texas Instruments LM239AMDREP Datasheet HTML 2Page - Texas Instruments LM239AMDREP Datasheet HTML 3Page - Texas Instruments LM239AMDREP Datasheet HTML 4Page - Texas Instruments LM239AMDREP Datasheet HTML 5Page - Texas Instruments LM239AMDREP Datasheet HTML 6Page - Texas Instruments LM239AMDREP Datasheet HTML 7Page - Texas Instruments LM239AMDREP Datasheet HTML 8Page - Texas Instruments LM239AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN−
2IN+
1IN−
1IN+
OUT3
OUT4
GND
4IN+
4IN−
3IN+
3IN−
D OR PW PACKAGE
(TOP VIEW)
LM239A-EP
www.ti.com
SCLS496C – MAY 2003 – REVISED JULY 2010
QUAD DIFFERENTIAL COMPARATOR
Check for Samples: LM239A-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Wide Supply Ranges
•
Controlled Baseline
–
Single Supply: 2 V to 36 V
•
One Assembly/Test Site
(Tested to 30 V for Non-V Devices and 32 V
•
One Fabrication Site
for V-Suffix Devices)
•
Available in Military (–55°C/125°C)
–
Dual Supplies: ±1 V to ±18 V
Temperature Range(1)
(Tested to ±15 V for Non-V Devices and
•
Extended Product Life Cycle
±16 V for V-Suffix Devices)
•
Extended Product-Change Notification
•
Low Supply-Current Drain Independent of
•
Product Traceability
Supply Voltage: 0.8 mA (Typ)
•
Low Input Bias Current: 25 nA (Typ)
•
Low Input Offset Current: 5 nA (Typ)
•
Low Input Offset Voltage: 2 mV (Typ)
•
Common-Mode Input Voltage Range Includes
Ground
•
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage: ±36 V
•
Low Output Saturation Voltage
•
Output Compatible With TTL, MOS, and CMOS
(1)
Custom temperature ranges available
DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM239AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM239AMDREP TI1-LM239AMDREP Datasheet
565Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
LM239AMDREP TI1-LM239AMDREP Datasheet
604Kb / 15P
QUAD DIFFERENTIAL COMPARATOR
LM239AMDREP TI2-LM239AMDREP Datasheet
535Kb / 17P
QUAD DIFFERENTIAL COMPARATOR
REVISED JULY 2010
LM239AMDREP.A TI2-LM239AMDREP.A Datasheet
535Kb / 17P
QUAD DIFFERENTIAL COMPARATOR
REVISED JULY 2010
More results

Similar Description - LM239AMDREP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com