Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH0044 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0044
Description  POSITIVE CENTER TAP SCHOTTKY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0044 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0044 Datasheet HTML 1Page - Solid States Devices, Inc SH0044 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0044A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Isolated Low Profile Package
• Guard Ring for Overvoltage Protection
• -65 oC to 175oC Operating and Storage
Temperature
• Reverse Voltage to 45 Volts
• Low Reverse Leakage
• Hermetically Sealed
• Very Low Forward Voltage Drop
• Available in Common Anode (CAJ) and Doubler
(DJ) Configuration
• Higher Voltages Available. Consult Factory.
• TX, TX-V, and S-Level Screening Available.
Consult Factory.
SSR2045CTJ
20 AMPS
45 VOLTS
ISOLATED FLAT PACK
POSITIVE CENTER TAP
SCHOTTKY
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage (Per Leg) and
DC Blocking Voltage (Per Leg)
VRRM
VR
45
Volts
RMS Reverse Voltage (Per Leg)
Vr
32
Volts
Half Wave Rectified Forward Current, Averaged Over Full Cycle
(Resistive Load, 60 Hz, Sine Wave, TC=25
oC)
IO
20
Amps
Peak Repetitive Forward Current
(TC=55
oC, 8.3 ms Pulse, Allow Junction to Reach Equilibrium Between Pulses)
IFRM
40
Amps
Peak Surge Current
(TC=55
oC, 8.3 ms Pulse, Superimposed on Rated Current at Rated Voltage)
IFSM
200
Amps
Operating and Storage Temperature
TJ & Tstg
-65 to +175
oC
THERMAL CHARACTERISTICS
Symbol
Value
Units
Thermal Resistance, Junction to Case
(Both legs tied together)
RθJC
2.0
oC/W


Similar Part No. - SH0044

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0044 SSDI-SH0044_15 Datasheet
116Kb / 2P
ISOLATED FLAT PACK POSITIVE CENTER TAP SCHOTTKY
More results

Similar Description - SH0044

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6251 NTE-NTE6251 Datasheet
19Kb / 2P
Silicon Rectifier Dual, Positive Center Tap
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
MBR40H45CT KERSEMI-MBR40H45CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
logo
Solid States Devices, I...
SH0044 SSDI-SH0044_15 Datasheet
116Kb / 2P
ISOLATED FLAT PACK POSITIVE CENTER TAP SCHOTTKY
logo
Surge Components
MBR10100 SURGE-MBR10100 Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR1045CT SURGE-MBR1045CT Datasheet
2Mb / 5P
Dual rectifier construction, positive center tap
MBR1645CT SURGE-MBR1645CT Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR3045CT SURGE-MBR3045CT Datasheet
462Kb / 5P
Dual rectifier construction, positive center tap
MBR4045CT SURGE-MBR4045CT Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR860 SURGE-MBR860 Datasheet
489Kb / 6P
Dual rectifier construction, positive center tap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com