Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB74MPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSUSB74MPX
Description  4:1 High-Speed USB Multiplexer/Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB74MPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSUSB74MPX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB74 • Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
5.25
V
VCNTRL
DC Input Voltage (SEL1, SEL0, /OE, SELS)
(1)
-0.50
VCC
V
VSW
DC Switch I/O Voltage
(1)
-0.50
5.25
V
IIK
DC Input Diode Current
-50
mA
TSTG
Storage Temperature
-65
+150
°C
MSL
Moisture Sensitivity Level (JEDEC J-STD-020A)
1
Level
ESD
IEC61000-4-2 System on USB connector pins D+ & D-
Air Gap
15
kV
Contact
8
Human Body Model, JEDEC: JESD22-A114
D+,D- to GND
6
Power to GND
12
All Other Pins
2
Note:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.5
4.4
V
VCNTRL
(2)
Control Input Voltage (SEL1, SEL0, /OE, and SELS)
0
VCC
V
VSW
Switch I/O Voltage
-0.5
4.4
V
TA
Operating Temperature
-40
+85
°C
Note:
2.
The control input must be held HIGH or LOW; it must not float.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com