Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB74MPX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSUSB74MPX
Description  4:1 High-Speed USB Multiplexer/Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB74MPX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSUSB74MPX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB74MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB74 • Rev. 1.0.2
5
AC Electrical Characteristics
All typical values are for VCC=3.3V at TA=25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=- 40ºC to +85ºC
Unit
Min.
Typ.
Max.
tON
Turn-On Time when Switching
from One USB Path (or Disabled
i.e. /OE=1) to Another USB Path
RL=50Ω, CL=35pF, VSW=0.8V,
Figure 7, Figure 8
2.5 to 4.4
126
400
µs
tOFF
Turn-Off Time, Turning Off Any
of the USB Paths
RL=50Ω, CL=35pF, VSW=0.8V,
Figure 7, Figure 8
2.5 to 4.4
80
ns
tPD
Propagation Delay
(5)
CL=5pF, RL=50Ω, Figure 7, Figure 9
3.3
0.25
ns
tRF
Slow Turn-On/Off Switch Paths
(5)
CL=5pF, Dn at 0V or 3.6V, 40.5Ω in
series with switch 10% to 90%
3.3
4.5
ns
tBBM
Break-Before-Make Time
(5)
RL=50Ω, CL=35pF, VSW1=VSW2=0.8V,
Figure 11
2.5 to 4.4
126
400
µs
OIRR
Off Isolation
(5)
RL=50Ω, f=240MHz, Figure 13
2.5 to 4.4
-40
dB
Xtalk
Channel-to-Channel Crosstalk
(5)
RL=50Ω, f=240MHz, Figure 14
2.5 to 4.4
-40
dB
tSK(P)
Pulse Skew
(5)
VSW=0.2VdiffPP, Figure 10, CL=5pF
2.5 to 4.4
25
ps
tSK(I)
Skew Between Differential
Signals Within a Pair
(5)
VSW=0.2VdiffPP, Figure 10, CL=5pF
2.5 to 4.4
25
ps
Note:
5.
Guaranteed by characterization.
Capacitance Characteristics
All typical values are for VCC=3.3V at TA=25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Typical
Unit
CIN
Input Capacitance
(6)
0
3
pF
CON
D+/D- On Capacitance
(6)
Any Switch Path Enabled, f=1MHz, Figure 16
3.3
7.5
COFF
HSD0n, HSD1n, HSD2n, HSD3n
Off Capacitance
(6)
If VCC=3.3V, then /OE=3.3V; f=1MHz, Figure 15
0 or 3.3
2.2
Note:
6.
Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com