Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2553_14 Datasheet HTML 15Page - Texas Instruments TLV2553_14 Datasheet HTML 16Page - Texas Instruments TLV2553_14 Datasheet HTML 17Page - Texas Instruments TLV2553_14 Datasheet HTML 18Page - Texas Instruments TLV2553_14 Datasheet HTML 19Page - Texas Instruments TLV2553_14 Datasheet HTML 20Page - Texas Instruments TLV2553_14 Datasheet HTML 21Page - Texas Instruments TLV2553_14 Datasheet HTML 22Page - Texas Instruments TLV2553_14 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
19
www.ti.com
PARAMETER MEASUREMENT INFORMATION
timing diagrams (continued)
Pad
Zeros
1
2
3
5
4
610
11
12
1
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
MSB–8 MSB–9
LSB+1
LSB
Hi–Z State
D6
D5
D4
D3
D2
D1
D0
D7
8
7
9
MSB–6 MSB–7
D7
MSB
MSB
16
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
Access Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
tCONV
Previous Conversion Data
Initialize
Initialize
CS
I/O
CLOCK
DATA
OUT
DATA IN
EOC
Figure 37. Timing for 16-Clock Transfer Using CS With DATA OUT Set for MSB First
NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before responding to
control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time has elapsed.
Pad
Zeros
MSB
1
2
3
5
4
610
11
12
1
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
MSB–8 MSB–9
LSB+1
LSB
16
8
7
9
MSB–6 MSB–7
Low Level
MSB
D6
D5
D4
D3
D2
D1
D0
D7
D7
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
Access Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
Previous Conversion Data
Initialize
CS
I/O
CLOCK
DATA
OUT
DATA IN
EOC
tCONV
Initialize
Figure 38. Timing for 16-Clock Transfer Not Using CS With DATA OUT Set for MSB First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com