Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553 Datasheet(PDF) 23 Page - Texas Instruments

Part # TLV2553
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2553_14 Datasheet HTML 19Page - Texas Instruments TLV2553_14 Datasheet HTML 20Page - Texas Instruments TLV2553_14 Datasheet HTML 21Page - Texas Instruments TLV2553_14 Datasheet HTML 22Page - Texas Instruments TLV2553_14 Datasheet HTML 23Page - Texas Instruments TLV2553_14 Datasheet HTML 24Page - Texas Instruments TLV2553_14 Datasheet HTML 25Page - Texas Instruments TLV2553_14 Datasheet HTML 26Page - Texas Instruments TLV2553_14 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
23
www.ti.com
PRINCIPLES OF OPERATION
data output length (continued)
With bits D3 and D2 set to 01, the 8-bit data-length mode is selected, which allows fast communication with 8-bit
serial interfaces. In the 8-bit mode, the result of the current conversion is output as an 8-bit serial data stream
during the next I/O cycle. The current I/O cycle must be exactly eight bits long to maintain synchronization, even
when this means corrupting the output data from the previous conversion. The four LSBs of the conversion
result are truncated and discarded. The current conversion is started immediately after the eighth falling edge
of the current I/O cycle.
Since the D3 and D2 register settings take effect on the I/O cycle when the data length is programmed, there
can be a conflict with the previous cycle if the data-word length was changed. This may occur when the data
format is selected to be least significant bit first, since at the time the data length change becomes effective (six
rising edges of I/O CLOCK), the previous conversion result has already started shifting out. In actual operation,
when different data lengths are required within an application and the data length is changed between two
conversions, no more than one conversion result can be corrupted and only when it is shifted out in LSB-first
format.
LSB out first
D1 in the CFGR1 controls the direction of the output (binary) data transfer. When D1 is reset to 0, the conversion
result is shifted out MSB first. When set to 1, the data is shifted out LSB first. Selection of MSB first or LSB first
always affects the next I/O cycle and not the current I/O cycle. When changing from one data direction to
another, the current I/O cycle is never disrupted.
bipolar output format
D0 in the CFGR1 controls the binary data format used to represent the conversion result. When D0 is cleared
to 0, the conversion result is represented as unipolar (unsigned binary) data. Nominally, the conversion result
of an input voltage equal to or less than VREF– is a code with all zeros (000 . . . 0) and the conversion result of
an input voltage equal to or greater than VREF+ is a code of all ones (111 . . . 1). The conversion result of (VREF+
+ VREF–)/2 is a code of a one followed by zeros (100 ...0).
When D0 is set to 1, the conversion result is represented as bipolar (signed binary) data. Nominally, conversion
of an input voltage equal to or less than VREF– is a code of a one followed by zeros (100 . . . 0), and the conversion
of an input voltage equal to or greater than VREF+ is a code of a zero followed by all ones
(011 . . . 1). The conversion result of (VREF+ + VREF–)/2 is a code of all zeros (000 . . . 0). The MSB is interpreted
as the sign bit. The bipolar data format is related to the unipolar format in that the MSBs are always each other’s
complement.
Selection of the unipolar or bipolar format always affects the current conversion cycle, and the result is output
during the next I/O cycle. When changing between unipolar and bipolar formats, the data output during the
current I/O cycle is not affected.
reference
An external reference can be used through two reference input pins, REF+ and REF–. The voltage levels
applied to these pins establish the upper and lower limits of the analog inputs to produce a full-scale and
zero-scale reading respectively. The values of REF+, REF–, and the analog input should not exceed the positive
supply or be lower than GND consistent with the specified absolute maximum ratings. The digital output is at
full scale when the input signal is equal to or higher than REF+ and at zero when the input signal is equal to or
lower than REF–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com