Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4313 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4313 Datasheet(HTML) 2 Page - Texas Instruments

  OPA4313 Datasheet HTML 1Page - Texas Instruments OPA4313 Datasheet HTML 2Page - Texas Instruments OPA4313 Datasheet HTML 3Page - Texas Instruments OPA4313 Datasheet HTML 4Page - Texas Instruments OPA4313 Datasheet HTML 5Page - Texas Instruments OPA4313 Datasheet HTML 6Page - Texas Instruments OPA4313 Datasheet HTML 7Page - Texas Instruments OPA4313 Datasheet HTML 8Page - Texas Instruments OPA4313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
OPA313
OPA2313
OPA4313
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PACKAGE
SPECIFIED
PRODUCT
PACKAGE-LEAD
DESIGNATOR
TEMPERATURE RANGE
PACKAGE MARKING
SC70-5
DCK
–40°C to +125°C
SIE
OPA313
SOT23-5
DBV
–40°C to +125°C
SIF
SO-8
D
–40°C to +125°C
OP2313
OPA2313
MSOP-8
DGK
–40°C to +125°C
OUSS
DFN-8
DRG
–40°C to +125°C
SDY
OPA4313
TSSOP-14
PW
–40°C to +125°C
OPA4313
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA313, OPA2313, OPA4313
UNIT
Supply voltage
7
V
Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current(2)
±10
mA
Output short-circuit(3)
Continuous
mA
Operating temperature, TA
–40 to +150
°C
Storage temperature, Tstg
–65 to +150
°C
Junction temperature, TJ
+150
°C
Human body model (HBM)
4000
V
ESD rating
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com