Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4313 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4313 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4313 Datasheet HTML 4Page - Texas Instruments OPA4313 Datasheet HTML 5Page - Texas Instruments OPA4313 Datasheet HTML 6Page - Texas Instruments OPA4313 Datasheet HTML 7Page - Texas Instruments OPA4313 Datasheet HTML 8Page - Texas Instruments OPA4313 Datasheet HTML 9Page - Texas Instruments OPA4313 Datasheet HTML 10Page - Texas Instruments OPA4313 Datasheet HTML 11Page - Texas Instruments OPA4313 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
A
B
D
C
OUTA
-INA
+INA
V-
1
2
3
4
V+
OUTB
-INB
+INB
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
(2)
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
OPA313
OPA2313
OPA4313
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
PIN CONFIGURATIONS
DCK PACKAGE
D, DGK PACKAGES
SC70-5
SO-8, MSOP-8
(TOP VIEW)
(TOP VIEW)
DBV PACKAGE
SOT23-5
(TOP VIEW)
DRG PACKAGE(1)
DFN-8
(TOP VIEW)
PW PACKAGE
TSSOP-14
(TOP VIEW)
(1) Pitch: 0,65 mm.
(2) Connect thermal pad to V–. Pad size: 1,8 mm × 1,5 mm.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com