Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMF Datasheet(PDF) 16 Page - Texas Instruments

Part # ADCS7477AIMF
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMF Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADCS7477AIMF Datasheet HTML 12Page - Texas Instruments ADCS7477AIMF Datasheet HTML 13Page - Texas Instruments ADCS7477AIMF Datasheet HTML 14Page - Texas Instruments ADCS7477AIMF Datasheet HTML 15Page - Texas Instruments ADCS7477AIMF Datasheet HTML 16Page - Texas Instruments ADCS7477AIMF Datasheet HTML 17Page - Texas Instruments ADCS7477AIMF Datasheet HTML 18Page - Texas Instruments ADCS7477AIMF Datasheet HTML 19Page - Texas Instruments ADCS7477AIMF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
V
/2
DD
SW2
V
IN
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
V
/2
DD
V
IN
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
APPLICATIONS INFORMATION
ADCS7476/77/78 OPERATION
The ADCS7476/77/78 are successive-approximation analog-to-digital converters designed around a charge-
redistribution digital-to-analog converter. Simplified schematics of the ADCS7476/77/78 in both track and hold
operation are shown in Figure 26 and Figure 27, respectively. In Figure 26 the device is in track mode: switch
SW1 connects the sampling capacitor to the input, and SW2 balances the comparator inputs. The device is in
this state until CS is brought low, at which point the device moves to hold mode.
Figure 27 shows the device in hold mode: switch SW1 connects the sampling capacitor to ground, maintaining
the sampled voltage, and switch SW2 unbalances the comparator. The control logic then instructs the charge-
redistribution DAC to add or subtract fixed amounts of charge from the sampling capacitor until the comparator is
balanced. When the comparator is balanced, the digital word supplied to the DAC is the digital representation of
the analog input voltage. The device moves from hold mode to track mode on the 13th rising edge of SCLK.
Figure 26. ADCS7476/77/78 in Track Mode
Figure 27. ADCS7476/77/78 in Hold Mode
USING THE ADCS7476/77/78
Serial interface timing diagrams for the ADCS7476/77/78 are shown in Figure 3, Figure 4, and Figure 5. CS is
chip select, which initiates conversions and frames the serial data transfers. SCLK (serial clock) controls both the
conversion process and the timing of serial data. SDATA is the serial data out pin, where a conversion result is
found.
Basic operation of the ADCS7476/77/78 begins with CS going low, which initiates a conversion process and data
transfer. Subsequent rising and falling edges of SCLK will be labeled with reference to the falling edge of CS; for
example, "the third falling edge of SCLK" shall refer to the third falling edge of SCLK after CS goes low.
At the fall of CS, the SDATA pin comes out of TRI-STATE, and the converter moves from track mode to hold
mode. The input signal is sampled and held for conversion at the falling edge of CS. The converter moves from
hold mode to track mode on the 13th rising edge of SCLK (see Figure 3, Figure 4, or Figure 5). The SDATA pin
will be placed back into TRI-STATE after the 16th falling edge of SCLK, or at the rising edge of CS, whichever
occurs first. After a conversion is completed, the quiet time tQUIET must be satisfied before bringing CS low again
to begin another conversion.
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com