Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMF Datasheet(PDF) 13 Page - Texas Instruments

Part # ADCS7477AIMF
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMF Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADCS7477AIMF Datasheet HTML 9Page - Texas Instruments ADCS7477AIMF Datasheet HTML 10Page - Texas Instruments ADCS7477AIMF Datasheet HTML 11Page - Texas Instruments ADCS7477AIMF Datasheet HTML 12Page - Texas Instruments ADCS7477AIMF Datasheet HTML 13Page - Texas Instruments ADCS7477AIMF Datasheet HTML 14Page - Texas Instruments ADCS7477AIMF Datasheet HTML 15Page - Texas Instruments ADCS7477AIMF Datasheet HTML 16Page - Texas Instruments ADCS7477AIMF Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192F – APRIL 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, VDD = 3V, fSAMPLE = 1 MSPS, fSCLK = 20 MHz, fIN = 100 kHz unless otherwise stated.
ADCS7476
ADCS7476 SINAD
ADCS7476 SINAD
vs.
vs.
Input Frequency, 600 kSPS
Input Frequency, 1 MSPS
Figure 12.
Figure 13.
ADCS7476 SNR
ADCS7476 SINAD
vs.
vs.
fSCLK
fSCLK
Figure 14.
Figure 15.
ADCS7477 DNL
ADCS7477 INL
Figure 16.
Figure 17.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com