Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMFE Datasheet(PDF) 18 Page - Texas Instruments

Part # ADCS7477AIMFE
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFE Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADCS7477AIMFE Datasheet HTML 14Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 15Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 16Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 17Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 18Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 19Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 20Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 21Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
TYPICAL APPLICATION CIRCUIT
A typical application of the ADCS7476/77/78 is shown in Figure 30. The combined analog and digital supplies
are provided in this example by the TI LP2950 low-dropout voltage regulator, available in a variety of fixed and
adjustable output voltages. The supply is bypassed with a capacitor network located close to the device. The
three-wire interface is also shown connected to a microprocessor or DSP.
Figure 30. Typical Application Circuit
ANALOG INPUTS
An equivalent circuit for the ADCS7476/77/78 input channel is shown in Figure 31. The diodes D1 and D2
provide ESD protection for the analog inputs. At no time should an analog input exceed VDD + 300 mV or GND -
300 mV, as these ESD diodes will begin conducting current into the substrate or supply line and affect ADC
operation.
The capacitor C1 in Figure 31 typically has a value of 4 pF, and is mainly due to pin capacitance. The resistor R1
represents the on resistance of the multiplexer and track / hold switch, and is typically 100 ohms. The capacitor
C2 is the ADCS7476/77/78 sampling capacitor, and is typically 26 pF.
The sampling nature of the analog input causes input current pulses that result in voltage spikes at the input. The
ADCS7476/77/78 will deliver best performance when driven by a low-impedance source to eliminate distortion
caused by the charging of the sampling capacitance. In applications where dynamic performance is critical, the
input might need to be driven with a low output-impedance amplifier. In addition, when using the
ADCS7476/77/78 to sample AC signals, a band-pass or low-pass filter will reduce harmonics and noise and thus
improve THD and SNR.
Figure 31. Equivalent Input Circuit
DIGITAL INPUTS AND OUTPUTS
The ADCS7476/77/78 digital inputs (SCLK and CS) are not limited by the same absolute maximum ratings as the
analog inputs. The digital input pins are instead limited to +6.5V with respect to GND, regardless of VDD, the
supply voltage. This allows the ADCS7476/77/78 to be interfaced with a wide range of logic levels, independent
of the supply voltage.
18
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com