Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMFE Datasheet(PDF) 1 Page - Texas Instruments

Part # ADCS7477AIMFE
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFE Datasheet(HTML) 1 Page - Texas Instruments

  ADCS7477AIMFE Datasheet HTML 1Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 2Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 3Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 4Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 5Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 6Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 7Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 8Page - Texas Instruments ADCS7477AIMFE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192F – APRIL 2003 – REVISED MARCH 2013
ADCS7476
ADCS7477
ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
Check for Samples: ADCS7476, ADCS7477, ADCS7478
1
FEATURES
DESCRIPTION
2
•
Variable Power Management
The ADCS7476, ADCS7477, and ADCS7478 are low
•
Packaged in 6-Lead, SOT-23 and WSON
power, monolithic CMOS 12-, 10- and 8-bit analog-to-
•
Power Supply used as Reference
digital converters that operate at 1 MSPS. The
ADCS7476/77/78
are
drop-in
replacements
for
•
Single +2.7V to +5.25V Supply Operation
Analog Devices' AD7476/77/78. Each device is based
•
SPI™/QSPI™/MICROWIRE™/DSP Compatible
on a successive approximation register architecture
with internal track-and-hold. The serial interface is
APPLICATIONS
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE™, and many common DSP
•
Automotive Navigation
serial interfaces.
•
FA/ATM Equipment
The ADCS7476/77/78 uses the supply voltage as a
•
Portable Systems
reference, enabling the devices to operate with a full-
•
Medical Instruments
scale input range of 0 to VDD. The conversion rate is
•
Mobile Communications
determined from the serial clock (SCLK) speed.
These converters offer a shutdown mode, which can
•
Instrumentation and Control Systems
be used to trade throughput for power consumption.
The ADCS7476/77/78 is operated with a single
KEY SPECIFICATIONS
supply that can range from +2.7V to +5.25V. Normal
•
Resolution with no Missing Codes 12/10/8 bits
power consumption during continuous conversion,
using a +3V or +5V supply, is 2 mW or 10 mW
•
Conversion Rate 1 MSPS
respectively. The power down feature, which is
•
DNL +0.5, -0.3 LSB (typ)
enabled by a chip select (CS) pin, reduces the power
•
INL ± 0.4 LSB (typ)
consumption to under 5 µW using a +5V supply. All
•
Power Consumption
three converters are available in a 6-lead, SOT-23
package and in a 6-lead WSON, both of which
–
3V Supply 2 mW (typ)
provide an extremely small footprint for applications
–
5V Supply 10 mW (typ)
where space is a critical consideration. These
products
are
designed
for
operation
over
the
automotive/extended industrial temperature range of
−40°C to +125°C.
Connection Diagram
Figure 1. 6-Lead SOT-23 or WSON
See DBV or NGF Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADCS7477AIMFE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCS7477AIMFE NSC-ADCS7477AIMFE Datasheet
499Kb / 24P
1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Texas Instruments
ADCS7477AIMFE/NOPB TI1-ADCS7477AIMFE/NOPB Datasheet
1Mb / 33P
8-Bit A/D Converters
More results

Similar Description - ADCS7477AIMFE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476_07 Datasheet
499Kb / 24P
1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Analog Devices
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
logo
Texas Instruments
ADCS7476AIMF-NOPB TI1-ADCS7476AIMF-NOPB Datasheet
1Mb / 29P
ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
Analog Devices
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com