Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI754 Datasheet(PDF) 2 Page - General Semiconductor

Part # GI754
Description  HIGH CURRENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI754 Datasheet(HTML) 2 Page - General Semiconductor

  GI754 Datasheet HTML 1Page - General Semiconductor GI754 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80 100 120 140 160 180 200
0
20
40
60
80
100 120 140 160 180 200
0
4.0
8.0
12
16
20
24
28
1
0.01
0.1
1
10
100
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
10
100
600
100
50
0
20
60
80
100
100
10
1
0.1
0.01
40
RATINGS AND CHARACTERISTIC CURVES GI750 THRU GI758
FIG.1 - MAXIMUM FORWARD CURRENT
DERATING CURRENT
AMBIENT TEMPERATURE, °C
60 HZ RESISTIVE or
INDUCTIVE LOAD
LEAD TEMPERATURE,
°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 2 - MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG. 3 - MAXIMUM PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
TJ=150°C
NON-REPETITIVE
REPETITIVE
TJ=25°C
1.1 x 1.1” (30 x 30mm)
COPPER PADS
TJ=25°C
TJ=150°C
L=0.625”(15.8mm)
L=0.125” (3.18mm)
60 HZ RESISTIVE or
INDUCTIVE LOAD
BOTH LEADS
ATTACHED to HEAT
SINKS with LENGTH
as SHOWN “L”
L=0.25”
(6.35mm)
L=0.375”
(9.5mm)
TJ=100°C
TJ=125°C
TJ=25°C
VRRM may be APPLIED
BETWEEN EACH CYCLE of
SURGE, the TJ NOTED is TJ
PRIOR to SURGE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com