Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI754 Datasheet(PDF) 1 Page - General Semiconductor

Part # GI754
Description  HIGH CURRENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI754 Datasheet(HTML) 1 Page - General Semiconductor

  GI754 Datasheet HTML 1Page - General Semiconductor GI754 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GI750 THRU GI758
HIGH CURRENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 6.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ High forward current capability
♦ Diffused junction
♦ Construction utilizes void-free
molded plastic technique
♦ High surge current capability
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Void-free molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.07 ounce, 2.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GI750
GI751
GI752
GI754
GI756
GI758
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
Volts
Maximum non-repetitive peak reverse voltage
VRSM
60
120
240
480
720
1200
Volts
Maximum average forward rectified current at
TA=60°C, P.C.B. mounting (FIG. 1)
6.0
TL=60°C, 0.125" (3.18mm) lead length (FIG. 2)
I(AV)
22.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
400.0
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 6.0A
0.90
0.95
100A
VF
1.25
1.30
Volts
Maximum DC reverse current
TA=25°C
5.0
µA
at rated DC blocking voltage
TA=100°C
IR
1.0
mA
Typical junction capacitance (NOTE 1)
CJ
150.0
pF
Typical reverse recovery time (NOTE 2)
trr
2.5
µs
Typical thermal resistance (NOTE 3)
R
ΘJA
20.0
R
ΘJL
4.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-50 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length,
P.C.B. mounted with 1.1 x 1.1” (30 x 30mm) copper pads
10/12/98
0.052 (1.32)
0.048 (1.22)
0.360 (9.1)
0.340 (8.6)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
Case style P600
Dimensions are in inches and (millimeters)


Similar Part No. - GI754

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI754 VISHAY-GI754 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
GI754 VISHAY-GI754 Datasheet
79Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
GI754 VISHAY-GI754 Datasheet
83Kb / 5P
High Current Axial Plastic Rectifier
28-Oct-09
GI754 VISHAY-GI754 Datasheet
82Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
More results

Similar Description - GI754

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5400 TRSYS-1N5400 Datasheet
155Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
P600A TRSYS-P600A Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_07 Datasheet
43Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
1N5400 PANJIT-1N5400_10 Datasheet
52Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI756-E354 VISHAY-GI756-E354 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
GI756-E373 VISHAY-GI756-E373 Datasheet
79Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750_15 Datasheet
83Kb / 5P
High Current Axial Plastic Rectifier
28-Oct-09
logo
Nantong Hornby Electron...
AR-ARS500X HORNBY-AR-ARS500X Datasheet
229Kb / 3P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750_V01 Datasheet
82Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com