Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR308S31ESU Datasheet(PDF) 13 Page - Sharp Corporation

Part # PR308S31ESU
Description  Output current, IT(rms) 8.0A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR308S31ESU Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PR308S31ESU Datasheet HTML 6Page - Sharp Corporation PR308S31ESU Datasheet HTML 7Page - Sharp Corporation PR308S31ESU Datasheet HTML 8Page - Sharp Corporation PR308S31ESU Datasheet HTML 9Page - Sharp Corporation PR308S31ESU Datasheet HTML 10Page - Sharp Corporation PR308S31ESU Datasheet HTML 11Page - Sharp Corporation PR308S31ESU Datasheet HTML 12Page - Sharp Corporation PR308S31ESU Datasheet HTML 13Page - Sharp Corporation PR308S31ESU Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
■ Package specification
13
Molt plane
Partition
Pad
Packing case
Cushioning material
Product
PR308S31ESU
Sheet No.: D4-A03601EN
Package materials
Packing case : Corrugated cardboard
Partition : Corrugated cardboard
Pad : Corrugated cardboard
Cushioning material : Polyethylene
Molt plane : Urethane
Package method
The product should be located after the packing case is partitioned and protected inside by 4 pads.
Each partition should have 5 products with the lead upward.
Cushioning material and molt plane should be located after all products are settled (1 packing contains 200
pcs).
Package composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com