Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR308S31ESU Datasheet(PDF) 3 Page - Sharp Corporation

Part # PR308S31ESU
Description  Output current, IT(rms) 8.0A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR308S31ESU Datasheet(HTML) 3 Page - Sharp Corporation

  PR308S31ESU Datasheet HTML 1Page - Sharp Corporation PR308S31ESU Datasheet HTML 2Page - Sharp Corporation PR308S31ESU Datasheet HTML 3Page - Sharp Corporation PR308S31ESU Datasheet HTML 4Page - Sharp Corporation PR308S31ESU Datasheet HTML 5Page - Sharp Corporation PR308S31ESU Datasheet HTML 6Page - Sharp Corporation PR308S31ESU Datasheet HTML 7Page - Sharp Corporation PR308S31ESU Datasheet HTML 8Page - Sharp Corporation PR308S31ESU Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Date code (2 digit)
Rank mark
There is no rank mark indicator and currently there are no rank offered for this device.
A.D.
1990
1991
1992
1993
1994
1995
1996
1997
1998
1999
2000
2001
Mark
A
B
C
D
E
F
H
J
K
L
M
N
Mark
P
R
S
T
U
V
W
X
A
B
C
Mark
1
2
3
4
5
6
7
8
9
O
N
D
Month
January
February
March
April
May
June
July
August
September
October
November
December
A.D
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
··
·
··
·
2nd digit
Month of production
1st digit
Year of production
Country of origin
Japan
3
repeats in a 20 year cycle
PR308S31ESU
Sheet No.: D4-A03601EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com