Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADC10D040
www.ti.com
SNAS149G – OCT 2001 – REVISED MARCH 2013
DYNAMIC PERFORMANCE
The ADC10D040 is a.c. tested and its dynamic performance is specified. To meet the published specifications,
the clock source driving the CLK input must be free of jitter. For best dynamic performance, isolating the ADC
clock from any digital circuitry should be done with adequate buffers, as with a clock tree. See Figure 39.
Figure 39. Isolating the ADC Clock from Digital Circuitry
COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power supply rails. For proper operation, no input should
go more than 300 mV beyond the supply pins, Exceeding these limits on even a transient basis can cause faulty
or erratic operation. It is not uncommon for high speed digital circuits (e.g., 74F and 74AC devices) to exhibit
overshoot and undershoot that goes a few hundred millivolts beyond the supply rails. A resistor of 50
Ω to 100Ω
in series with the offending digital input, close to the source, will usually eliminate the problem.
Care should be taken not to overdrive the inputs of the ADC10D040 (or any device) with a device that is
powered from supplies outside the range of the ADC10D040 supply. Such practice may lead to conversion
inaccuracies and even to device damage.
Attempting to drive a high capacitance digital data bus. The more capacitance the output drivers have to
charge for each conversion, the more instantaneous digital current is required from VDR and DR GND. These
large charging current spikes can couple into the analog section, degrading dynamic performance. Adequate
bypassing and attention to board layout will reduce this problem. Buffering the digital data outputs (with a
74ACTQ841, for example) may be necessary if the data bus to be driven is heavily loaded. Dynamic
performance can also be improved by adding series resistors of 47
Ω to 56Ω at each digital output, close to the
ADC output pins.
Using a clock source with excessive jitter. This will cause the sampling interval to vary, causing excessive
output noise and a reduction in SNR and SINAD performance. The use of simple gates with RC timing as a clock
source is generally inadequate.
Using the same voltage source for VD and external digital logic. As mentioned in POWER SUPPLY
CONSIDERATIONS, VD should use the same power source used by VA and other analog components, but
should be decoupled from VA.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com