Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADC10D040
SNAS149G – OCT 2001 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics
The following specifications apply for VA = VD = +3.3 VDC, VDR = +2.5 VDC, VREF = 1.4 VDC, GAIN = OF = 0V, OS = 3.3V, VIN
(a.c. coupled) = FSR = 1.4 VP-P, CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected.
Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1)
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity
±0.65
±1.9
LSB (max)
+1.2
LSB (max)
DNL
Differential Non-Linearity
±0.35
−1.0
LSB (min)
Resolution with No Missing Codes
10
Bits
+7
LSB (max)
Without Offset Correction
−3.3
−12
LSB (min)
VOFF
Offset Error
+1.5
LSB (max)
With Offset Correction
+0.4
−0.5
LSB (min)
+5
%FS (max)
GE
Gain Error
−4
−12
%FS (min)
DYNAMIC CONVERTER CHARACTERISTICS
fIN = 4.43 MHz, VIN = FSR −0.1 dB
9.5
Bits
ENOB
Effective Number of Bits
fIN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25°C
9.5
9.1
Bits (min)
fIN = 19.7 MHz, VIN = FSR −0.1 dB
9.4
Bits
fIN = 4.43 MHz, VIN = FSR −0.1 dB
59
dB
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25°C
59
56.3
dB (min)
fIN = 19.7 MHz, VIN = FSR −0.1 dB
58
dB
fIN = 4.43 MHz, VIN = FSR −0.1 dB
60
dB
SNR
Signal-to-Noise Ratio
fIN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25°C
60
57.3
dB (min)
fIN = 19.7 MHz, VIN = FSR −0.1 dB
59
dB
fIN = 4.43 MHz, VIN = FSR −0.1 dB
−70
dB
THD
Total Harmonic Distortion
fIN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25°C
−69
−61
dB (min)
fIN = 19.7 MHz, VIN = FSR −0.1 dB
−67
dB
fIN = 4.43 MHz, VIN = FSR −0.1 dB
−86
dB
HS2
Second Harmonic
fIN = 10.4 MHz, VIN = FSR −0.1 dB
−83
dB
fIN = 19.7 MHz, VIN = FSR −0.1 dB
−81
dB
fIN = 4.43 MHz, VIN = FSR −0.1 dB
−73
dB
HS3
Third Harmonic
fIN = 10.4 MHz, VIN = FSR −0.1 dB
−73
dB
fIN = 19.7 MHz, VIN = FSR −0.1 dB
−72
dB
fIN = 4.43 MHz, VIN = FSR −0.1 dB
72
dB
SFDR
Spurious Free Dynamic Range
fIN = 10.4 MHz, VIN = FSR −0.1 dB
72
dB
fIN = 19.7 MHz, VIN = FSR −0.1 dB
70
dB
fIN1 < 8.5 MHz, VIN = FSR −6.1 dB
IMD
Intermodulation Distortion
71
dB
fIN2 < 9.5 MHz, VIN = FSR −6.1 dB
Overrange Output Code
(VIN+−VIN−) > 1.5V
1023
Underrange Output Code
(VIN+−VIN−) < −1.5V
0
FPBW
Full Power Bandwidth
140
MHz
(1)
The inputs are protected as shown below. Input voltage magnitude up to 300 mV beyond the supply rails will not damage this device.
However, errors in the A/D conversion can occur if the input goes beyond the limits given in these tables.
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(3)
Test limits are specified to TI's AOQL (Average Outgoing Quality Level). Performance is specified only at VREF = 1.4V and a clock duty
cycle of 50%. The limits for VREF and clock duty cycle specify the range over which reasonable performance is expected. Tests are
performed and limits specified with clock low and high levels of 0.3V and VD−0.3V, respectively.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com