Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IPHPREP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 42Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 44Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 45Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 46Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 47Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 48Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 49Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
100Ω
10 kΩ
9.09kΩ
1 0kΩ
OP A 350
OP A 365
O PA 365
AD S1258
47 Ω
10kΩ
2 .2n F
+2.5 V
+2.5V
−2.5V
+2.5V
−2.5V
+2.5V
− 2.5V
A IN 15
A IN COM
RE FP
R EF N
A IN 0
A VS S
AV D D
±10V
9.09kΩ
±10V
50Ω
A INx
20m A Input
1kΩ
1kΩ
+2 .5V
−2.5V
0 .1µ F
10 0µ F
0.1µ F
0.47µ F
+
10 µF
+
R EF 3125
0.1µ F
+
10µ F
−2.5V
0 .1µ F
1 0µ F
N OTE : 0.1µ F ca pacitors no t show n.
47Ω
ADS1258-EP
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
www.ti.com
ANALOG INPUT CONNECTIONS
When using Auto-Scan mode to sequence through
the
channels,
the
switch
time
delay
feature
Figure
68
shows
the
ADS1258
interfacing
to
(programmable by registers) can be used to provide
high-level
±10V inputs, commonly used in industrial
additional settling time of the external components.
environments. In this case, bipolar power supplies are
used, avoiding the need for input signal level-shifting
Figure 69 illustrates the ADS1258 interfacing to
otherwise required when a single supply is used. The
multiple pressure sensors having a resistor bridge
input resistors serve both to reduce the level of the
output. Each sensor is excited by the 5-V single
10V input signal to within the ADC range and also
supply that also powers the ADS1258 and likewise is
protect the inputs from inadvertent signal over-voltage
used as the ADS1258 reference input; the 6% input
up to 30V. The external amplifiers convert the
overrange capability accommodates input levels at or
single-ended inputs to a fully differential output to
above VREF. The ratiometric connection provides
drive the ADC inputs. Driving the inputs differentially
cancellation of excitation voltage drift and noise. For
maintains good linearity performance. The 2.2-nF
best performance, the 5-V supply should be free from
capacitor at the ADC inputs is required to bypass the
glitches or transients. The 5-V supply input amplifiers
ADC
sampling
currents.
The
2.5-V
reference,
(two OPA365s) form a differential input/differential
REF3125, is filtered and buffered to provide a
output buffer with the gain set to 10. The chop feature
low-noise reference input to the ADC. The chop
of the ADS1258 is used to reduce offset and offset
feature of the ADC can be used to reduce offset and
drift to very low levels. The 2.2-nF capacitor at the
offset drift of the amplifiers.
ADC inputs is required to bypass the ADC sampling
currents. The 47-
Ω resistors isolate the op-amp
For
±1V input signals, the input resistor divider can
outputs from the filter capacitor.
be removed and replaced with a series protection
resistor. For 20-mA input signals, the input resistor
divider is replaced by a 50-
Ω resistor, connected from
each input to AINCOM.
Figure 68. Multichannel,
±10V Single-Ended Input, Bipolar Supply Operation
46
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com