Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IPHPREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 1 Page - Texas Instruments

  ADS1258IPHPREP Datasheet HTML 1Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 2Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 3Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 4Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 5Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 6Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 7Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 8Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
ADS1258
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS1258-EP
1
FEATURES
23
•
24 Bits, No Missing Codes
APPLICATIONS
•
Fixed-Channel or Automatic Channel Scan
•
Medical, Avionics, and Process Control
•
Fixed-Channel Data Rate: 125 kSPS
•
Machine and System Monitoring
•
Auto-Scan Data Rate: 23.7 kSPS/Channel
•
Fast Scan Multi-Channel Instrumentation
•
Single-Conversion Settled Data
•
Industrial Systems
•
16 Single-Ended or 8 Differential Inputs
•
Test and Measurement Systems
•
Unipolar (5 V) or Bipolar (
±2.5 V) Operation
SUPPORTS DEFENSE, AEROSPACE,
•
Low Noise: 2.8
μVRMS at 1.8 kSPS
AND MEDICAL APPLICATIONS
•
0.0003% Integral Nonlinearity
•
Controlled Baseline
•
DC Stability (typical):
•
One Assembly/Test Site
0.02
μV/°C Offset Drift, 0.4 ppm/°C Gain Drift
•
One Fabrication Site
•
Open-Sensor Detection
•
Available in Military (
–55°C/125°C) and
•
Conversion Control Pin
Industrial (
–40°C/105°C) Temperature Ranges(1)
•
Multiplexer Output for External Signal
•
Extended Product Life Cycle
Conditioning
•
Extended Product-Change Notification
•
On-Chip Temperature, Reference, Offset, Gain,
•
Product Traceability
and Supply Voltage Readback
•
42-mW Power Dissipation
•
Standby, Sleep, and Power-Down Modes
•
8 General-Purpose Inputs/Outputs (GPIO)
•
32.768-kHz Crystal Oscillator or External Clock
(1)
Custom temperature ranges available
DESCRIPTION
The ADS1258 is a 16-channel (multiplexed), low-noise, 24-bit, delta-sigma (
ΔΣ) analog-to-digital converter (ADC)
that provides single-cycle settled data at channel scan rates from 1.8k to 23.7k samples per second (SPS) per
channel. A flexible input multiplexer accepts combinations of eight differential or 16 single-ended inputs with a
full-scale differential range of 5 V or true bipolar range of
±2.5 V when operating with a 5-V reference. The
fourth-order delta-sigma modulator is followed by a fifth-order sinc digital filter optimized for low-noise
performance.
The differential output of the multiplexer is accessible to allow signal conditioning prior to the input of the ADC.
Internal system monitor registers provide supply voltage, temperature, reference voltage, gain, and offset data.
An onboard PLL generates the system clock from a 32.768-kHz crystal, or can be overridden by an external
clock source. A buffered system clock output (15.7 MHz) is provided to drive a microcontroller or additional
converters.
Serial digital communication is handled via an SPI
™ -compatible interface. A simple command word structure
controls channel configuration, data rates, digital I/O, monitor functions, etc.
Programmable sensor bias current sources can be used to bias sensors or verify sensor integrity.
The ADS1258 operates from a unipolar 5-V or bipolar
±2.5-V analog supply and a digital supply compatible with
interfaces ranging from 2.7 V to 5.25 V. The ADS1258 is available in QFN-48 and QFP-48 packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1258IPHPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258IPHPREP TI-ADS1258IPHPREP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IPHPREPG4 TI-ADS1258IPHPREPG4 Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1258IPHPREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
16-Channel, 16-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com