Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PROTEUS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PROTEUS
Description  Fanless, stand-alone SBC Low power and high performance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PROTEUS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PROTEUS Datasheet HTML 1Page - List of Unclassifed Manufacturers PROTEUS Datasheet HTML 2Page - List of Unclassifed Manufacturers PROTEUS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Intel Architecture – Based on the Intel Atom Z5xx series
processor with CPU speeds from 1.1GHz up to 1.6GHz,
PROTEUS delivers exceptional performance-per-watt in a very
compact, COM Express-like form factor.
Low Power Design – Ideally suited for wired and wireless, net-
centric multi-media applications requiring low power and high
performance.
Expandability – PROTEUS interfaces directly to LVDS displays
and has an integral touchscreen controller and provides two
sockets for PCI-Express mini cards. Options include onboard
GPS, Bluetooth and ZigBee support.
Application-ready Development Kits – Eurotech’s full-
featured application-ready Development Kits help customers
begin application development quickly.
• Infotainment
• Interactive Kiosks
• Access Control
• HMI
• Medical
PROTEUS is a stand-alone single board computer aimed at wired and wireless,
net-centric multimedia applications, especially in situations where low power
and high performance are required.
PROTEUS offers a choice of 1.1GHz or 1.6GHz processor, with options for
512MB or 1GB soldered down RAM and 2GB or 4GB soldered Parallel ATA
Flash memory. Coupled to the extremely low heat generation of the Atom
processor, PROTEUS is perfect for applications needing high end performance
in a fanless, rugged package.
In addition to a full range of standard PC peripherals, the PROTEUS interfaces
directly to LVDS displays and has an integral touchscreen controller.
Options exist for the provision of onboard GPS, Bluetooth and ZigBee support.
Two sockets for PCI-Express mini cards allow easy and flexible expansion for
applications requiring wireless local and wide area networking. Additional non-
volatile storage may be added either using MicroSD Flash or via the SATA
interface provided by the board.
PROTEUS supports Windows and Wind River Linux
• Fanless, stand-alone SBC
• Low power and high performance
• GPS, Bluetooth or ZigBee wireless
• Atmel Trusted Platform Module Device
• PCI-Express mini card support
PROTEUS
FEATURES
Intel® Atom™
stand-alone SBC


Similar Part No. - PROTEUS

ManufacturerPart #DatasheetDescription
logo
AG Electronica
PROTEKSIL AGELECTRONICA-PROTEKSIL Datasheet
206Kb / 2P
REVESTIMIENTO PROTECTOR ANTI-CORROSIÓN
23/07/2019
More results

Similar Description - PROTEUS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
Stand-alone OSD
1995 Jan 19
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
VTI technologies
SCA111T VTI-SCA111T Datasheet
212Kb / 2P
Stand Alone Inclinometer
SCA115T VTI-SCA115T Datasheet
297Kb / 2P
Stand Alone Inclinometer
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
Stand-alone Board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com