Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5047D Datasheet(PDF) 11 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 11 Page - ams AG

Back Button AS5047D Datasheet HTML 7Page - ams AG AS5047D Datasheet HTML 8Page - ams AG AS5047D Datasheet HTML 9Page - ams AG AS5047D Datasheet HTML 10Page - ams AG AS5047D Datasheet HTML 11Page - ams AG AS5047D Datasheet HTML 12Page - ams AG AS5047D Datasheet HTML 13Page - ams AG AS5047D Datasheet HTML 14Page - ams AG AS5047D Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
ams Datasheet: 2014-Jun-27 [v1-02]
AS5047D – 11
Detaile d Desc rip t ion
SPI Timing
The AS5047D SPI timing is shown in Figure 11.
Figure 11:
SPI Timing Diagram
Figure 12:
SPI Timing
Parameter
Description
Min
Max
Units
tL
Time between CSn falling edge and CLK rising edge
350
ns
tclk
Serial clock period
100
ns
tclkL
Low period of serial clock
50
ns
tclkH
High period of serial clock
50
ns
tH
Time between last falling edge of CLK and rising
edge of CSn
tclk / 2
ns
tCSn
High time of CSn between two transmissions
350
ns
tMOSI
Data input valid to falling clock edge
20
ns
tMISO
CLK edge to data output valid
20
ns
tOZ
Release bus time after CS rising edge.
10
ns
CSn
(Input)
CLK
(Input)
MOSI
(Input)
MISO
(Output)
tclk
tL
tMOSI
tMISO
tOZ
tOZ
tH
tCSn
tclkL
tclkH
Data[15]
Data[15]
Data[14]
Data[14]
Data[0]
Data[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com