Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5047D Datasheet(PDF) 12 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 12 Page - ams AG

Back Button AS5047D Datasheet HTML 8Page - ams AG AS5047D Datasheet HTML 9Page - ams AG AS5047D Datasheet HTML 10Page - ams AG AS5047D Datasheet HTML 11Page - ams AG AS5047D Datasheet HTML 12Page - ams AG AS5047D Datasheet HTML 13Page - ams AG AS5047D Datasheet HTML 14Page - ams AG AS5047D Datasheet HTML 15Page - ams AG AS5047D Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
AS5047D – 12
ams Datasheet: 2014-Jun-27 [v1-02]
De tail ed De sc rip t ion
SPI Transaction
An SPI transaction consists of a 16-bit command frame followed
by a 16-bit data frame. Figure 13 shows the structure of the
command frame.
Figure 13:
SPI Command Frame
To increase the reliability of communication over the SPI, an
even parity bit PARC must be generated and sent. A wrong
setting of the parity bit causes the PARERR bit in the error flag
register to be set. The parity bit is calculated from the 16-bit
command frame. The 16-bit command specifies whether the
transaction is a read or a write and the address. Figure 14 shows
the read data frame.
Figure 14:
SPI Read Data Frame
The data is sent on the MISO pin. The parity bit PARD is
calculated by the AS5047D for the 16-bit data frame. If an error
is detected in the previous SPI command frame, the EF bit is set
high. The SPI read is sampled on the rising edge of CSn and the
data is transmitted on MISO with the next read command, as
shown in Figure 15.
Bit
Name
Description
15
PARC
Parity bit (even) calculated on the command frame
14
R/W
0: Write
1: Read
13:0
ADDR
Address to read or write
Bit
Name
Description
15
PARD
Parity bit (even) for the data frame
14
EF
0: No command frame error occurred
1: Error occurred
13:0
DATA
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com