Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5600 Datasheet(PDF) 28 Page - ams AG

Part # AS5600
Description  12-bit Programmable Contactless Potentiometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600 Datasheet(HTML) 28 Page - ams AG

Back Button AS5600 Datasheet HTML 24Page - ams AG AS5600 Datasheet HTML 25Page - ams AG AS5600 Datasheet HTML 26Page - ams AG AS5600 Datasheet HTML 27Page - ams AG AS5600 Datasheet HTML 28Page - ams AG AS5600 Datasheet HTML 29Page - ams AG AS5600 Datasheet HTML 30Page - ams AG AS5600 Datasheet HTML 31Page - ams AG AS5600 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2014-Aug-11
AS5600 − Detailed Description
If the fast filter is off, the step output response is controlled by
the slow linear filter. The step response of the slow filter is
programmable with the SF bits in the CONF register. Figure 32
shows the tradeoff between delay and noise for the different
SF bit settings.
Figure 31:
Step Response Delay vs. Noise Band
Figure 32:
Step Response (fast filter off )
For a fast step response and low noise after settling, the fast
filter can be enabled. The fast filter works only if the input
variation is greater than the fast filter threshold, otherwise the
output response is determined only by the slow filter. The fast
filter threshold is programmed with the FTH bits in the “CONF
Register ” on page 19. As shown in Figure 34, the step response
stays within an error band after two full sampling periods to
settle to the final value determined by the slow filter.
SF
Step response delay delay (ms)
Max. RMS output noise (1 sigma) (degree)
00
2.2
0.015
01
1.1
0.021
10
0.55
0.030
11
0.286
0.043
Input
Output
response
Sampling
Frequency
Settling Time
according slow filter setting
Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com