| Electronic Components Datasheet Search |
|
AS5600 Datasheet(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5600 Datasheet(HTML) 30 Page - ams AG |
|
30 / 42 page ![]() Page 30 ams Datasheet Document Feedback [v1-00] 2014-Aug-11 AS5600 − Detailed Description increment of the calculated angle. If the DIR pin is connected to VDD (DIR = 1) an increment of the calculated angle will happen with counterclockwise rotation. Figure 35: Raw Angle in Clockwise Direction Hysteresis To avoid any toggling of the output when the magnet is not moving, a 1 to 3 LSB hysteresis of the 12-bit resolution can be enabled with the HYST bits in the CONF register. Magnet Detection As a safety and diagnostic feature, the AS5600 indicates the absence of the magnet. If the measured magnet field strength goes below the minimum specified level (Bz_ERROR), the output is driven low, without regard to which output mode has been selected (analog or PWM) and the MD bit in the STATUS register is 0. Low Power Modes A digital state machine automatically manages the low power modes to reduce the average current consumption. Three low power modes are available and can be enabled with the PM bits in the CONF register. Current consumption and polling times are shown in Figure 6. Watchdog Timer The watchdog timer allows saving power by switching into LMP3 if the angle stays within the watchdog threshold of 4 LSB for at least one minute, as shown in Figure 36. The watchdog function can be enabled with the WD bit in the CONF register. 1 VDD5V 2 VDD3V3 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 DIR 8 SCL 7 SDA 6 ST 5 3 AOUT GND VDD5V 2 VDD3V3 DIR 8 SCL 7 3 AOUT GND SDA 6 ST 5 N S 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT 4 GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT GND DIR 8 SCL 7 SDA 6 ST 5 3 AOUT GND SDA 6 ST 5 DIR 8 SCL 7 0 Deg 180 Deg 90 Deg 270 Deg CW CW CW RAW ANGLE = 0 RAW ANGLE = 1024 RAW ANGLE = 2048 RAW ANGLE = 3072 1 VDD5V 2 VDD3V3 1 VDD5V 2 VDD3V3 1 VDD5V 2 VDD3V3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |