Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ20 Datasheet(PDF) 2 Page - General Semiconductor

Part # SMBJ20
Description  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMBJ20 Datasheet(HTML) 2 Page - General Semiconductor

  SMBJ20 Datasheet HTML 1Page - General Semiconductor SMBJ20 Datasheet HTML 2Page - General Semiconductor SMBJ20 Datasheet HTML 3Page - General Semiconductor SMBJ20 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted) TABLE 1
Breakdown
Maximum
Maximum
Device
Voltage
Reverse
Peak Pulse
Maximum
Device Type
Device Type
Marking
V(BR)(Volts)
Test
Stand-off
Leakage ID
Surge
Clamping
Gull Wing
Modified
Code
(NOTE 1)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
Lead
“J” Bend Lead
UNI
BI
(MIN /MAX)
at IT (mA)
VWM (Volts)
(
µA) (NOTE 3) (NOTE 2) (Amps)
VC (Volts)
SMBG5.0
SMBJ5.0
KD
6.40 / 7.82
10
5.0
800
62.5
9.6
SMBG5.0A
SMBJ5.0A
KE
6.40 / 7.07
10
5.0
800
65.2
9.2
SMBG6.0
SMBJ6.0
KF
6.67 / 8.15
10
6.0
800
52.6
11.4
SMBG6.0A
SMBJ6.0A
KG
6.67 / 7.37
10
6.0
800
58.3
10.3
SMBG6.5
SMBJ6.5
KH
7.22 / 8.82
10
6.5
500
48.8
12.3
SMBG6.5A
SMBJ6.5A
KK
7.22 / 7.98
10
6.5
500
53.6
11.2
SMBG7.0
SMBJ7.0
KL
7.78 / 9.51
10
7.0
200
45.1
13.3
SMBG7.0A
SMBJ7.0A
KM
7.78 / 8.60
10
7.0
200
50.0
12.0
SMBG7.5
SMBJ7.5
KN
8.33 / 10.2
1.0
7.5
100
42.0
14.3
SMBG7.5A
SMBJ7.5A
KP
8.33 / 9.21
1.0
7.5
100
46.5
12.9
SMBG8.0
SMBJ8.0
KQ
8.89 / 10.9
1.0
8.0
50
40.0
15.0
SMBG8.0A
SMBJ8.0A
KR
8.89 / 9.83
1.0
8.0
50
44.1
13.6
SMBG8.5
SMBJ8.5
KS
9.44 / 11.5
1.0
8.5
20
37.7
15.9
SMBG8.5A
SMBJ8.5A
KT
9.44 / 10.4
1.0
8.5
20
41.7
14.4
SMBG9.0
SMBJ9.0
KU
10.0 / 12.2
1.0
9.0
10
35.5
16.9
SMBG9.0A
SMBJ9.0A
KV
10.0 / 11.1
1.0
9.0
10
39.0
15.4
SMBG10
SMBJ10
KW
11.1 / 13.6
1.0
10
5.0
31.9
18.8
SMBG10A
SMBJ10A
KX
11.1 / 12.3
1.0
10
5.0
35.3
17.0
SMBG11
SMBJ11
KY
12.2 / 14.9
1.0
11
5.0
29.9
20.1
SMBG11A
SMBJ11A
KZ
12.2 / 13.5
1'0
11
5.0
33.0
18.2
SMBG12
SMBJ12
LD
13.3 / 16.3
1.0
12
5.0
27.3
22.0
SMBG12A
SMBJ12A
LE
13.3 / 14.7
1.0
12
5.0
30.2
19.9
SMBG13
SMBJ13
LF
14.4 / 17,6
1.0
13
5.0
25.2
23.8
SMBG13A
SMBJ13A
LG
14.4 / 15.9
1.0
13
5.0
27.9
21.5
SMBG14
SMBJ14
LH
15,6 / 19.1
1.0
14
5.0
23.3
25.8
SMBG14A
SMBJ14A
LK
15.6 / 17.2
1.0
14
5.0
25.9
23.2
SMBG15
SMBJ15
LL
16.7 / 20.4
1.0
15
5.0
22.3
26.9
SMBG15A
SMBJ15A
LM
16.7 / 18.5
1.0
15
5.0
24.6
24.4
SMBG16
SMBJ16
LN
178 / 21.8
1.0
16
5.0
20.8
28.8
SMBG16A
SMBJ16A
LP
178 / 19.7
1.0
16
5.0
23.1
26.0
SMBG17
SMBJ17
LQ
18.9 / 23.1
1.0
17
5.0
19.7
30.5
SMBG17A
SMBJ17A
LR
18.9 / 20.9
1.0
17
5.0
21.7
27.6
SMBG18
SMBJ18
LS
20.0 / 24.4
1.0
18
5.0
18.6
32.2
SMBG18A
SMBJ18A
LT
20.0 / 22.1
1.0
18
5.0
20.5
29.2
SMBG20
SMBJ20
LU
22.2 / 27.1
1.0
20
5.0
16.8
35.8
SMBG20A
SMBJ20A
LV
22.2 / 24.5
1.0
20
5.0
18.5
32.4
SMBG22
SMBJ22
LW
24.4 / 29.8
1.0
22
5.0
15.2
39.4
SMBG22A
SMBJ22A
LX
24.4 / 26.9
1.0
22
5.0
16.9
35.5
SMBG24
SMBJ24
LY
26.7 / 32.6
1.0
24
5.0
14.0
43.0
SMBG24A
SMBJ24A
LZ
26.7 / 29.5
1.0
24
5.0
15.4
38.9
SMBG26
SMBJ26
MD
28.9 / 35.3
1.0
26
5.0
12.9
46.6
SMBG26A
SMBJ26A
ME
28.9 / 31.9
1.0
26
5.0
14.3
42.1
SMBG28
SMBJ28
MF
31.1 / 38.0
1.0
28
5.0
12.0
50.0
SMBG28A
SMBJ28A
MG
31.1 / 34.4
1.0
28
5.0
13.2
45.4
SMBG30
SMBJ30
MH
33.3 / 40.7
1.0
30
5.0
11.2
53.5
SMBG30A
SMBJ30A
MK
33.3 / 36.8
1.0
30
5.0
12.4
48.4
SMBG33
SMBJ33
ML
36.7 / 44.9
1.0
33
5.0
10.2
59.0
SMBG33A
SMBJ33A
MM
36.7 / 40.6
1.0
33
5.0
11.3
53.3
SMBG36
SMBJ36
MN
40.0 / 48.9
1.0
36
5.0
9.3
64.3
SMBG36A
SMBJ36A
MP
40.0 / 44.2
1.0
36
5.0
10.3
58.1
SMBG40
SMBJ40
MQ
44.4 / 54.3
1.0
40
5.0
8.4
71.4
SMBG40A
SMBJ40A
MR
44.4 / 49.1
1.0
40
5.0
9.3
64.5
SMBG43
SMBJ43
MS
47.8 / 58.4
1.0
43
5.0
7.8
76.7
SMBG43A
SMBJ43A
MT
47.8 / 52.8
1.0
43
5.0
8.6
69.4
SMBG45
SMBJ45
MU
50.0 / 61.1
1.0
45
5.0
7.5
80.3
SMBG45A
SMBJ45A
MV
50.0 / 55.3
1.0
45
5.0
8.3
72.7
SMBG48
SMBJ48
MW
53.3 / 65.1
1.0
48
5.0
7.0
85.5
SMBG48A
SMBJ48A
MX
53.3 / 58.9
1.0
48
5.0
7.8
77.4
SMBG51
SMBJ51
MY
56.7 / 69-3
1.0
51
5.0
6.6
91.1
SMBG51A
SMBJ51A
MZ
56.7 / 62.7
1.0
51
5.0
7.3
82.4
KD
KE
KF
KG
AH
AK
KL
KM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
KY
KZ
BD
BE
LF
LG
BH
BK
BL
BM
LN
LM
LQ
LR
BS
BT
LU
LV
BW
BX
BY
BZ
CD
CE
MF
MG
CH
CK
CL
CM
CN
CP
CQ
CR
CS
CT
MU
MV
MW
MX
MY
MZ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com