Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ20 Datasheet(PDF) 4 Page - General Semiconductor

Part # SMBJ20
Description  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMBJ20 Datasheet(HTML) 4 Page - General Semiconductor

  SMBJ20 Datasheet HTML 1Page - General Semiconductor SMBJ20 Datasheet HTML 2Page - General Semiconductor SMBJ20 Datasheet HTML 3Page - General Semiconductor SMBJ20 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
1.0
2.0
3.0
4.0
0
100
150
50
1.0
µs
10
µs
100
µs
1.0ms
10ms
0.1
1.0
10
100
0.1
µs
0
25
50
75
100
125
150
175
200
0
25
50
100
75
1
10
100 200
10
100
1,000
6,000
1
10
100
10
100
200
1
10
100
200
10
100
1,000
6,000
MAXIMUM RATINGS AND CHARACTERISTIC CURVES SMBG AND SMBJ5.0 THRU 170CA
FIG. 1 - PEAK PULSE POWER RATING CURVE
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
FIG. 3 - PULSE WAVEFORM
t, TIME, ms
VWM, REVERSE STAND-OFF VOLTAGE, VOLTS
VWM, REVERSE STAND-OFF VOLTAGE,
VOLTS
NUMBER OF CYCLES AT 60 HZ
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIG. 3
TA=25°C
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPPM
tr=10
µsec.
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
UNIDIRECTIONAL ONLY
td
HALF VALUE - IPP
2
10/1000
µsec. WAVEFORM
as DEFINED by R.E.A.
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
PEAK VALUE
IPPM
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
BIDIRECTIONAL
FIG. 2 - PULSE DERATING CURVE
TJ=25° C
f=1.0 MHZ
Vsig=50mVp-p
TJ=25° C
f=1.0 MHZ
Vsig=50mVp-p
0.2 x 0.2” (0.5 x 0.5mm)
COPPER PAD AREAS
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com