Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N802002 Datasheet(PDF) 1 Page - E-SWITCH

Part # N802002
Description  INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N802002 Datasheet(HTML) 1 Page - E-SWITCH

  N802002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.C.B. MOUNTING
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KAC02LAGT
11/20/2012
N802002
A
EBP
1
1
2
4
1
3
CIRCUIT - 2 POSITION
2
4
1
3
A
20864
RELEASED FOR PRODUCTION
11/20/12
EBP
NOTES:
1. ALL DIMENSIONS IN MM [INCH].
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT RATINGS: 25mA @24VDC. (SWITCH)
100mA @50VDC. (CARRY)
5. CONTACT MATERIAL:
CONTACTS: (MOVABLE) COPPER W/GOLD PLATE.
TERMINALS: BRASS w/GOLD PLATE.
6. INSULATION RESISTANCE; 100 MΩ MIN. @500VDC.
7. CONTACT RESISTANCE; 50 mΩ MAX INITIAL.
8. OPERATING TEMP: -20~C TO +85~C.
9. STORAGE TEMP: -40~C TO +85~C.
10. ELECTRICAL LIFE: 2000 CYCLES.
11. PACKAGE: TUBE (70 PER TUBE)
WITH ALL POLES IN THE "OFF" POSITION.
12.
DENOTES CRITICAL PARAMETER.
13. DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
14. OPERATING FORCE: 800 GRAMS MAX.
15. 2002/95/EC (ROHS) COMPLIANT.
5.00
[.197 in]
6.48
[.255 in]
6.00
[.236 in]
1.00
[.039 in]
E-SWITCH LOGO
20°
2.54
[.100 in]
7.62
[.300 in]
n.97
[.038 in]
1.40
[.055 in]
9.0 `.2
.354 `.008 in
[
]
3.50
[.138 in]
2.54
[.100 in]
.50
[.020 in]
1.40
[.055 in]
.25
[.010 in]


Similar Part No. - N802002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802108 E-SWITCH-N802108 Datasheet
151Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
More results

Similar Description - N802002

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-049 CUI-PJ-049 Datasheet
261Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN : 500V DC
PP-016 CUI-PP-016 Datasheet
215Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
logo
E-SWITCH
N470000 E-SWITCH-N470000 Datasheet
109Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N470001 E-SWITCH-N470001 Datasheet
114Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N411110 E-SWITCH-N411110 Datasheet
156Kb / 1P
INSULATION RESISTANCE: 100MW MIN @ 500VDC
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211127 E-SWITCH-N211127 Datasheet
112Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211128 E-SWITCH-N211128 Datasheet
113Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211129 E-SWITCH-N211129 Datasheet
93Kb / 1P
INSULATION RESISTANCE 100M) @ 100VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com