Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4675 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C4675
Description  16 x 16 element photodiode array detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4675 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C4675 Datasheet HTML 1Page - Hamamatsu Corporation C4675 Datasheet HTML 2Page - Hamamatsu Corporation C4675 Datasheet HTML 3Page - Hamamatsu Corporation C4675 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C4675 series is a two-dimensional detector using a 16 × 16 (256) element Si PIN photodiode array that has high sensitivity in the visible range.
Current-to-voltage conversion amplifiers in the signal amplifier section are connected in parallel to each element of the photodiode array, thereby
allowing high-speed parallel signal processing.
C4675 series is also designed to suppress the power consumption so it operates from two power supplies (±15 V).
Features
l Wide spectral response: 400 to 1000 nm
l Wide active area: 17.45 × 17.45 mm
(0.95 × 0.95 mm per element, 1.1 mm pitch)
l Frequency response C4675-102: DC to 1 kHz
C4675-302: DC to 3 kHz
C4675-103: DC to 10 kHz
l Parallel signal output by current-to-voltage amplifier
l Low power consumption: 2.5 W Typ.
Applications
l Nerve potential measurement under microscope
l 2-D (wavelength × spatial position) spectrophotometry
in visible range
l Fine-modulation light measurement
PHOTODIODE
16 × 16 element photodiode array detector
2-D detector using 256-element photodiode with visible sensitivity
C4675 series
s General ratings
Parameter
Rating
Unit
Photodiode
Si PIN photodiode array (Made by Hamamatsu S4529)
-
Number of element
16 × 16 (256)
-
Active area (per 1 element)
0.95 × 0.95
mm
Element pitch
1.1
mm
Output type
Current-to-voltage conversion method, 256-ch parallel analog voltage output
-
Dimensional outline
136 (W) × 136 (H) × 153.5 (D)
mm
Weight
2.1
kg
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Operating temperature
Topr
0 to +50
°C
Storage temperature
Tstg
-10 to +60 (no condensation)
°C
Supply voltage
Vs
±18
V
s
Electrical and optical characteristics (Typ. Ta=25 °C)
Parameter
Symbol
C4675-102
C4675-302
C4675-103
Unit
Spectral response range
λ
400 to 1000
nm
Output uniformity
-
±15
%
Amp gain
-108
5 × 107
107
V/A
Frequency response
-
DC to 1 k
DC to 3 k
DC to 10 k
Hz
Supply voltage
Vs
±15
V
Current consumption
P
2.5
W
s Construct device
Product name
Type No.
Number
Note
Two-dimensional detector
C4675 series
1
Dedicated cable
8840S-080-174AD-150-W
4
Made by KEL, length 1.5 m
Output connector
8850-080-170SD
4
Made by KEL, on-board straight installation type


Similar Part No. - C4675

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4674 HAMAMATSU-C4674 Datasheet
127Kb / 3P
Signal processing circuit for 2-D PSD
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
Signal processing circuit for 2-D PSD
More results

Similar Description - C4675

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
Driver circuit for 16-element photodiode array
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
16-element Si photodiode array
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
Si photodiode array 5 횞 5 element array for X-ray detector
S8558 HAMAMATSU-S8558 Datasheet
111Kb / 2P
Surface mountable 16-element photodiode array
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
16-element Si photodiode arrays
logo
Sensortechnics GmbH
501097 SENSORTECHNICS-501097 Datasheet
1Mb / 4P
16 element APD array
50146102 SENSORTECHNICS-50146102 Datasheet
330Kb / 4P
16 element PIN array
50146202 SENSORTECHNICS-50146202 Datasheet
544Kb / 4P
16 element PIN array
50146302 SENSORTECHNICS-50146302 Datasheet
553Kb / 4P
16 element PIN array
logo
OptoDiode Corp
AXUV16ELG OPTODIODE-AXUV16ELG_18 Datasheet
935Kb / 4P
Photodiode 16 Element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com