Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4675 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C4675
Description  16 x 16 element photodiode array detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4675 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C4675 Datasheet HTML 1Page - Hamamatsu Corporation C4675 Datasheet HTML 2Page - Hamamatsu Corporation C4675 Datasheet HTML 3Page - Hamamatsu Corporation C4675 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
16 × 16 element photodiode array detector
C4675 series
LED
Vo
FFT
SWEEP
GENERATOR
C4675-xxx
C4675-xxx
HAMAMATSU
0.6
0.4
0.5
0.2
0.1
0.3
0
300
400
600
700
800
900 1000 1100
500
WAVELENGTH (nm)
QE=50
%
(Ta=25 ˚C)
KACCB0001EA
s Spectral response
KACCB0002EB
s Frequency response
s Measurement method for frequency characteristics
The LED output was adjusted so that the output voltage Vo from C4675 series is set to 5 V. Under this condition, the output of
C4675 series was monitored by FFT while sweeping the LED drive frequencies.
KACCC0002EA
FREQUENCY (kHz)
1
0.1
-30
-20
-10
0
10
10
100
(Typ. Ta=25 ˚C)
C4675-103
C4675-302
C4675-102



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com