Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7247 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C7247
Description  DA-TYPE SOCKET ASSEMBLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7247 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C7247 Datasheet HTML 1Page - Hamamatsu Corporation C7247 Datasheet HTML 2Page - Hamamatsu Corporation C7247 Datasheet HTML 3Page - Hamamatsu Corporation C7247 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TACCA0197EB
Figure 3. Dimensional Outline (Unit: mm)
HOUSING
(METAL)
25.6
31.7 ± 0.3
38.0 ± 0.3
5
HOUSING
(METAL)
29.0 ± 0.3
49.0 ± 0.3
C7247
C7247-01
31.7 ± 0.3
-HV
SIGNAL OUTPUT
±15 V
SHIELD CABLE 1)
COAX RG-174/U
SHIELDED CABLE (COVERING TWISTED PAIR)2)
RED
BLACK
GRAY
NOTES: 1) At the end of HV cable, it's possible to attach SHV connector fitting RG-174/U.
2) Connect as follows.
Orange Lead
⋅⋅⋅⋅⋅⋅⋅ +15 V
White Lead
⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ -15 V
Shield
⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ GND.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com